PART |
Description |
Maker |
MAX8511EXKXY-T MAX8512EXK-T MAX8510 MAX8510EXKXY-T |
3.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO5 Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70 Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO5
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX8510ETA25-T MAX8510ETA28-T MAX8510ETA30-T MAX85 |
Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
|
Maxim Integrated Products
|
MAX8863REUK-T MAX8863SEUK-T MAX8863T MAX8863TEUK-T |
Low-Dropout, 120mA Linear Regulators FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.12 V DROPOUT, PDSO5
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
AX8863T AX8864T MAX8863 MAX8863REUKT MAX8863SEUKT |
Low-Dropout, 120mA Linear Regulators
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX8882 MAX8882EUTA5 MAX8882EUTAQ MAX8882EUTGG MAX |
Dual / Low-Noise / Low-Dropout / 160mA Linear Regulators in SOT23 SPANISH OAK REVD 56MHZ Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ILC7084AIM5ADJX ILC7083 ILC7083AIK30X ILC7083AIKAD |
RES 2.1K-OHM 5% 0.125W 200PPM THICK-FILM SMD-0805 5K/REEL-7IN-PA 2.5 V-12 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 JT 32C 32#20 SKT PLUG 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 150mA SOT-23 Low Noise CMOS RF-LDO?/a> Regulator 150mA SOT-23 Low Noise CMOS RF-LDO Regulator 150mA SOT-23 Low Noise CMOS RF-LDO⑩ Regulator 150mA SOT-23 Ultra Low Noise CMOS RF-LDO
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NCP500_06 NCP500 NCP500SN185T1 NCP500SN185T1G NCP5 |
150 mA CMOS Low Noise Low-Dropout Voltage Regulator(150 mA锛?CMOS锛????0锛????樊绋冲??? 150 mA CMOS Low Noise Low−Dropout Voltage Regulator
|
ONSEMI[ON Semiconductor]
|
SG2003-2.8 SG2003-2.5 SG2003-2.5XN5_TR SG2003-2.85 |
400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
|
Shengbang Microelectronics ... Shengbang Microelectronics Co, Ltd
|
MCP1253-33X50I_MS MCP1253T-33X50I_MS MCP1253-ADJI_ |
(MCP1252 / MCP1253) Low Noise / Positive-Regulated Charge Pump Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵 The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ... The MCP1253-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of either 3.3V or 5.0V and can deliver 120mA of load current at the selected regulated output voltage. Since the The MCP1252-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of ... The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
NCP623DM NCP623MN NCP623 NCP623MN-5.0R2 NCP623DM-3 |
Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control 4 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, DSO6
|
ONSEMI[ON Semiconductor]
|
TPS79901-EP-18 |
<font color=red>[Old version datasheet]</font> 200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
|
TI store
|
MIC5209 MIC5209-1.8BM MIC5209-2.5BM MIC5209-2.5BS |
500mA Low-Noise LDO Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 4.5V to 20V, 3A Output Synchronous Step Down SWIFT Converter 1.8 Vout 16-HTSSOP -40 to 85 ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 500mA Low-Noise LDO Regulator 4.2 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4 500mA Low-Noise LDO Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO4
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|