PART |
Description |
Maker |
Q60203-Y66 BCY66 |
NPN Silicon Planar Transistor ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
C1874 |
Voltage Ranges; 1kVDC, 2kVD & 3kVDC Isolation; UL94V-0 Package Material; Continuous Short Circuit Protectionwith Current Foldback; Low Noise; No External NPN SILICON TRANSISTOR
|
Micro Electronics
|
C106DG C106M1G C106D1G C106MG C106 C106M1 C106B C1 |
From old datasheet system Voltage Ranges; 1kVDC, 2kVDC & 3kVDC Isolation; UL94V-0 Package Material; Continuous Short Circuit Protection; Low Ripple and Noise; Remote On/Off Sensitive Gate Silicon Controlled Rectifiers 4 A, 600 V, SCR, TO-225AA
|
http:// ONSEMI[ON Semiconductor]
|
MC44817B MC44817BD MC44817D ON1144 MC44817 |
TV AND VCR PLL TUNING CIRCUITS WITH 1.3 GHz PRESCALER AND 3-WIRE BUS From old datasheet system Ouputs from a Single Supply; 2:1 Wide Range Voltage Input; 3kVDC Isolation; UL94V-0 Package Material; Continuous Short Circuit Protection; Low profile
|
ON Semi Motorola, Inc.
|
MMBD1201 MMBD1203 MMBD1204 MMBD1204L99Z |
0.2 A, 2 ELEMENT, SILICON, SIGNAL DIODE ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% High Conductance Ultra Fast Diode
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TCA505B TCA505BG TCA505 |
Function and Industrial ICs - Inductive proximity switch with short-circuit protection IC for Inductive Proximity Switches with Short-Circuit Protection From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
FZL4146G FZL4146 Q67000-H8743 FZL4146GGEG |
Function and Industrial ICs - Short-circuit signaling. Four driver circuits for driving power transistors. Turn-ON threshold setting from 1.5 to 7 V. From old datasheet system Quad Driver Incl. Short-Circuit Signaling 四驱动包括增值税。短路信 Multichannel output driver ICs
|
Infineon Technologies A... SIEMENS[Siemens Semiconductor Group] INFINEON[Infineon Technologies AG] SIEMENS AG
|
C-561E A-561G A-561E A-561SR A-561Y C-561Y A-551E |
SINGLE DIGIT DISPLAY for 250VAC; UL-60950-1 / CSA C22.2 certified; 5.2kVDC Isolation for 1 Minute; Optional Continuous Short Circuit Protected; Wide Operating Temperature C to 85C, Low Ripple & Noise, High Efficiency up to 80%, Low Profile Plastic Case, Single, Dual & Dual Separated Outputs
|
PARA Light ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
MMBD914B MMBD1401 MMBD1402 MMBD1403 MMBD1404 MMBD1 |
Surface mount switching diode. Max forward voltage 1.00V at 10mA. SURFACE MOUNT SWITCHING DIODES 表面贴装开关二极管 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
Jinan Gude Electronic Device Co., Ltd. 济南固锝电子器件有限公司 JGD[Jinan Gude Electronic Device] 娴???洪??靛??ㄤ欢?????? Jinan Gude Electronic Devic... Jinan Gude Electronic D...
|
2SC3950 |
RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% High-Definition CRT Display Video Output Driver Applications
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
BD795 BD798 BD796 BD801 BD802 BD800 BD799 BD797 |
EPITAXIAL-BASE,SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% EPITAXIAL-BASE/SILICON N-P-N AND P-N-P VERSAWATT TRANSISTORS
|
INTERSIL[Intersil Corporation]
|
BD-E522RD BD-E525RD BD-E526RD BG-C51DRD BD-A511RD |
Hi eff red/orange, cathode, dual digit LED display DUAL DIGIT LED DISPLAYS 双位数字的LED显示 RES,TF,82.5,1.0%,100PPM,0.25W ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% RES 75R0 SM 1/4W F 1206C THKF 100PPM TR
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers Yellow Stone Corp
|