PART |
Description |
Maker |
2N5682 2N5681 2N5681SMD |
100V Vce, 1A Ic, 30MHz NPN bipolar transistor NPN SILICON TRANSISTORS Expitaxial Planar NPN Transistors In jedec TO-39 Metal Case(大功率、外延平面NPN晶体管(TO-39金属封装,用于通用、放大器、开关电路))
|
SEME-LAB[Seme LAB] Semelab(Magnatec)
|
PEMH16 PUMH16 PEMH16-PUMH16-15 |
NPN/NPN resistor-equipped transistors; NPN-NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = 47 kOhm 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors R1 = 22 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
BC818-16 BC818-25 BC818-40 Q62702-C1740 Q62702-C15 |
NPN Silicon AF Transistors 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistors BC 817 From old datasheet system
|
Diotec Semiconductor AG SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
PEMH10 PUMH10 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=2.2千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
PEMD14 PUMD14 PEMD14-PUMD14-15 |
NPN/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open NPN-PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
|
NXP Semiconductors N.V.
|
MSC2295BT1 MSC2295-BT1 MSC2295-CT1 ON2374 |
NPN RF Amplifier Transistors Surface Mount Si, NPN, RF SMALL SIGNAL TRANSISTOR NPN RF Amplifier Transistors Surface Mount UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR CASE 318D3, STYLE 1 SC9 From old datasheet system
|
MOTOROLA INC Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola, Inc]
|
2N5209 2N5210 ON0057 2N5209-D 2N5210RLRA 2N5209RLR |
Amplifier Transistors NPN Silicon Ampllfler Translstor From old datasheet system Amplifier Transistors(NPN Silicon) Amplifier Transistor NPN
|
ON Semiconductor
|
2SC1413 2N6371HV 2N6371 2SC1413A 2SC1454 2N3055 2N |
TO-3 Power Package Transistors (NPN) 3功率封装晶体管(NPN)的 TO-3 Power Package Transistors (NPN) 功率封装晶体管(NPN)的
|
ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers Unknow
|
ZXT10N20DE6 ZXT10N20DE6TA ZXT10N20DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 20V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR NPN Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
2SB764 2SD863 B764 |
Search --To 2SB764 PNP/NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors Voltage Regulator, Relay Lamp Driver Electrical Equipment Applications
|
Sanyo Semicon Device
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|