PART |
Description |
Maker |
LTC3814IFE-5-PBF LTC3814IFE-5-TRPBF |
60V Current Mode Synchronous Step-Up Controller
|
Linear Technology
|
LTC3810-5 |
60V Current Mode Synchronous Switching Regulator Controller
|
Linear Technology Corporation
|
LTC3812IFE-5 LTC3812IFE-5-PBF LTC3812IFE-5-TR LTC3 |
60V Current Mode Synchronous Switching Regulator Controller
|
Linear Technology
|
DMN6040SVT-7 |
60V N-CHANNEL ENHANCEMENT MODE MOSFET Low Input Capacitance
|
Diodes Incorporated
|
IRFF130 IRFF131 IRFF132 IRFF133 |
N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 7.0A. N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 60V. Continuous drain current 8.0A. N-CHANNEL ENHANCEMENT-MODE POWER FIELD-EFFECT TRANSISTORS N-channel enhancement-mode power field-effect transistor. Drain-sourge voltage 100V. Continuous drain current 7.0A.
|
General Electric Solid State GE Solid State
|
LTC1871IMS-1-PBF LTC1871EMS-1-PBF LTC1871EMS-1-TR |
Wide Input Range, No RSENSE?/a> Current Mode Boost, Flyback and SEPIC Controller Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO10
|
http:// LINEAR TECHNOLOGY CORP
|
MAX8650EEG MAX8650 |
4.5V to 28V Input Current-Mode Step-Down Controller with Adjustable Frequency
|
MAXIM[Maxim Integrated Products]
|
FEC40-24D3305 FEC40-24T0512 FEC40-24T3312 FEC40-24 |
Input range:18-36 VDC;output voltage:3.3/5 VDC; output current:4/4 A mA;input current:1729 mA; 40 W DC-DC converter Input range:18-36VDC;output voltage:5/ /-12 VDC; output current:6000/ /400 mA mA;input current:1989 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:6000/ /400 mA mA;input current:1512 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:5/ /-15 VDC; output current:6000/ /300 mA mA;input current:1958 mA; 40 W DC-DC converter
|
Power Mate Technology
|
XL6004 |
400KHz 60V 3A Switching Current Boost LED Constant Current Driver
|
XLSEMI
|
XL6006 XL6006E1 |
180KHz 60V 5A Switching Current Boost LED Constant Current Driver
|
List of Unclassifed Man...
|
MAX731-MAX752 MAX732CPA MAX732CWA MAX732EPA MAX732 |
5V Adjustable CMOS Step Up Current Mode DC-DC Conerter(5V,无外部MOSFET,步升,PWM DC-DC变换 5V、升压型、电流模式PWM DC-DC转换 5V, Step-Up, Current-Mode, PWM DC-DC Converter 5V/Adjustable Step-Up Current-Mode DC-DC Converters 5V/Adjustable升压电流模式的DC - DC转换
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|