PART |
Description |
Maker |
AS1331-BTDT-25 |
300mA Buck-Boost Synchronous DC/DC Converters
|
ams AG
|
LTC3859AMPUHFPBF |
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
|
Linear Technology
|
TC1142 TC1142-30EUA TC1142-40EUA TC1142-50EUA TC11 |
Inductorless -2x Boost/Buck Regulator The TC1142 generates a regulated negative voltage from –3V to –5V at 20 mA from an input of 2.5V to 5.5V, using only ... The TC1142 generates a regulated negative voltage from –3V to –5V at 20 mA from an input of 2.5V to 5.5V, using only three external capacitors. Other boost/buck switching regulators must use an inductor, which is larger and rad
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|
LT3790 LTM8056 |
Low IQ, 38V Synchronous Boost Buck Controller
|
Linear Technology
|
LTC3586 LTC3586-1 LTC3586EUFE-1-PBF LTC3586EUFE-1- |
High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
|
Linear Technology
|
LTC1751-3.3 LTC1751-5 LTC3200-5 LTC3260 LTC3204-5 |
Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
|
Linear Technology
|
TLD5098EL |
DC/DC Boost, Buck-Boost, SEPIC controller
|
Infineon Technologies AG
|
AAT1105A |
BUCK BOOST AND BOOST PWM CONTROLLER
|
Advanced Analog Technology
|