PART |
Description |
Maker |
IR38062 IR38062MTRPBF |
15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
|
Infineon Technologies A...
|
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
AND8139D NL17SV16XV5T2 AND8139 NL17SV00XV5T2 NL17S |
2-Input OR Gate, Ultra-Low Voltage Non Inverting Buffer, Ultra Low Voltage Single 2-Input NOR Gate, Ultra-Low Voltage Single 2-Input NAND Gate, Ultra-Low Voltage ULTRA-LOW VOLTAGE MINIGATE DEVICES SOLVE 1.2 V INTERFACE PROBLEMS
|
ONSEMI[ON Semiconductor]
|
MC13110AFB MC13110AFTA MC13110BFB MC13110BFTA MC13 |
CONVERTER, DC/DC, 1O/P, 5W, 3.3V; Power rating:5W; DC/DC Converter O/P type:Single; Voltage, input max:36V; Voltage, input min:9V; Voltage, output UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
|
Motorola, Inc.
|
BA7078AF1 BA7078AS BA7078AF BA7078AF-E2 |
Silicon Monolithic Integrated Circuit Sync.Seperator/Sync. Detector IC for Multi-Sync. Monitor
|
ROHM[Rohm]
|
74LX1G08 8489 74LX1G08CTR 74LX1G08STR |
LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT From old datasheet system LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BSP78 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 10 Watts Smart Lowside Power Switch (Logic Level Input Input Protection ESD Thermal shutdown with auto restart) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
6600.3200 |
IEC AC Power Outlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, FEMALE, MAINS POWER CONNECTOR, SOLDER, PLUG
|
SCHURTER AG
|
6100.4230 |
IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs 10/15A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG
|
6130.5615 6130.5630 6130.5620 |
IEC AC Power Inlet; Voltage Rating: 250V; Current Rating: 15A; Mounting Type: Panel; Terminal Type: Tabs PCB 10/15A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
SCHURTER AG SCHURTER INC
|