PART |
Description |
Maker |
GV7700-INE3 |
HD-VLC Transmitter
|
Semtech Corporation
|
HS-26CT32RH HS1-26CT32RH_PROTO HS9-26CT32RH_PROTO |
Radiation Hardened Quad Differential Line Receiver QUAD LINE RECEIVER, CDFP16
|
Intersil Corporation http://
|
5962R9563101TEC HS9-26CT32RH 5962R9563101TXC HS1-2 |
Radiation Hardened Quad Differential Line Receiver QUAD LINE RECEIVER, CDIP16
|
Intersil, Corp. Intersil Corporation
|
ADN4666 ADN4666ARUZ ADN4666ARUZ-REEL7 ADN4666ARZ A |
3 V, LVDS, Quad CMOS Differential Line Receiver; Package: 16-pin; Temperature Range: -40°C to 125°C QUAD LINE RECEIVER, PDSO16
|
Analog Devices, Inc.
|
UT54LVDS032-UPX 5962H9583401QXA 5962H9583401QXC 59 |
Quad receiver: SMD. QML class V. Lead finish factory option. Total dose 5E5 rad(Si). Quad receiver: SMD. QML class V. Lead finish hot solder dipped. Total dose 5E5 rad(Si). Quad receiver: SMD. QML class Q. Lead finish gold. Total dose 5E5 rad(Si). Quad receiver: SMD. QML class V. Lead finish gold. Total dose 1E6 rad(Si). Quad receiver: SMD. QML class Q. Lead finish gold. Total dose 1E6 rad(Si). Quad receiver: SMD. QML class Q. Lead finish hot solder dipped. Total dose 1E6 rad(Si). Quad Receiver 四接收机 Triple 3-input positive-AND gates 14-PDIP 0 to 70 Quad receiver: SMD. QML class Q. Lead finish hot solder dipped. Total dose 5E5 rad(Si). Quad receiver: SMD. QML class Q. Lead finish factory option. Total dose 5E5 rad(Si). Quad receiver: SMD. QML class V. Lead finish gold. Total dose 5E5 rad(Si).
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology] Aeroflex Circuit Techno...
|
AD6657EBZ AD6657BBCZ AD6657BBCZRL |
Quad IF Receiver
|
Analog Devices
|
LTC489ISWPBF LTC488ISW-PBF LTC489ISW-PBF LTC489CN- |
Quad RS485 Line Receiver; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C LINE RECEIVER, PDSO16
|
Linear Technology, Corp.
|
SK44XX |
Quad Buffer/receiver
|
Semtech Corporation
|
SY100EL17VZITR SY100EL17V SY100EL17VZC SY100EL17VZ |
5V/3.3V QUAD DIFFERENTIAL RECEIVER
|
MICREL[Micrel Semiconductor]
|
26LS32A/B2A |
QUAD LINE RECEIVER, CQCC20
|
NXP SEMICONDUCTORS
|
MC100LVEL17-D |
3.3V ECL Quad Differential Receiver
|
ON Semiconductor
|
UT54LVDS032LV-UPC UT54LVDS032LV-UPA UT54LVDS032LV- |
Low Voltage Quad Receiver
|
AEROFLEX[Aeroflex Circuit Technology]
|