PART |
Description |
Maker |
K9KAG08U0MPIB00 K9KAG08U0M-PCB0000 K9KAG08U0MPCK00 |
sheet of this product is either in preparation or is not effective yet. For more details about product specifications or technical files, please inquire through Contact us
|
Samsung semiconductor
|
7703403UA 7703401YA 77034042A 7703404MA 7703404NA |
Negative Adjustable Voltage Regulator 15 HZ, 90DB REJECTION BTW 49 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, TUBE 15 HZ, 90DB REJECTION BTW 49 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, T/R 15 HZ, 90DB REJECTION BTW 59 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, T/R 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, TUBE 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, TUBE 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, T/R Low-cost volatile, Digital Potentiometer, -40C to 125C, 8-SOIC 150mil, TUBE PRODUCT TO FREQUENCY CONVERTER WHICH IS USED TO POWER METERING APLICATIONS, -40C to 85C, 24-SSOP 208mil, TUBE 积极可调电压稳压 18 BIT DEL-SIG A/D CONVERTER, -40C to 125C, 6-SOT-23, T/R 积极可调电压稳压 Positive Adjustable Voltage Regulator 积极可调电压稳压 ENERGY METER IC, GAIN 1:16, 500:1 DYNAMIC RANGE, -40C to 85C, 24-SSOP 208mil, T/R 积极可调电压稳压
|
International Rectifier, Corp. TE Connectivity, Ltd. Kingbright, Corp. NIC Components, Corp.
|
PM8620-BIAP |
NSE-20GStandard Product Data Sheet Preliminary NSE-20G Standard Product Data Sheet Preliminary
|
PMC-Sierra, Inc.
|
MCP60104 MCP604T MCP601 MCP601-E_CH MCP601-E_OT MC |
MCP601 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP602 dual operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 ... MCP603 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP604 quad operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230. ... 2.7V to 5.5V Single-Supply CMOS Op Amps
|
MICROCHIP[Microchip Technology]
|
M68HC05EVS |
Motorola M68HC05 Family Eval. System Product Preview From old datasheet system Product Preview Motorola M68HC05 Family Evaluation Svstem
|
Motorola
|
MCP6041 MCP6043 MCP6044 MCP6042 MCP6044T MCP6041T |
The MCP6041 operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 nA ... The MCP6044 quad operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 ... The MCP6043 operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 nA ... The MCP6042 dual operational amplifier (op amp) has a gain bandwidth product of 14 kHz with a low typical operating current of 600 ... 600 nA, Rail-to-Rail Input/Output Op Amps
|
MICROCHIP[Microchip Technology]
|
PM8621-BIAP |
NSE-8GStandard Product Data Sheet Preliminary NSE-8G Standard Product Data Sheet Preliminary
|
PMC-Sierra, Inc.
|
CR2300SA CR2300SB CR2300SC CR0720SB CR0720SC CR350 |
40 V, 30 A, SILICON SURGE PROTECTOR, DO-214AA The CR range of protectors are based on the proven technology of the T10 thyristor product 公约与保护的范围是基于晶闸管T10产品成熟的技 STRIPPER/CUTTER WIRE 20-30AWG 公约与保护的范围是基于晶闸管的T10产品成熟的技 The CR range of protectors are based on the proven technology of the T10 thyristor product 公约与保护的范围是基于晶闸管的T10产品成熟的技
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
EM78P467A EM78P267A |
8-Bit Micro-Controller for Consumer Product(4K × 13片上ROM,工作电.5V-5.5V位微控制 8-Bit Micro-Controller for Consumer Product(2K × 13片上ROM,工作电.5V-5.5V位微控制 8位微控制器的消费产品(带2K × 13片上ROM的,工作电压.5V.5V位微控制器)
|
ELAN Microelctronics Corp . Elan Microelectronics, Corp.
|
MCP603T-E/ST MCP603T-I/ST MCP6022-I/SN MCP6022-I/S |
MCP603 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP602 dual operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 ... MCP601 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP604 quad operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230. ...
|
Microchip
|
MCP619-I/P MCP619-I/SL MCP619-I/ST MCP617-I/MS MCP |
The MCP619 quad operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP617 dual operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP618 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ... The MCP616 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ...
|
Microchip
|