PART |
Description |
Maker |
0259.062TX913 0259.062MX913 |
PICO 259-UL913 Series Intrinsically Safe Fuse for Hazardous Locations
|
Littelfuse
|
0611017 |
Connection honeycomb, Connection type: Screw mounting, Number of positions
|
PHOENIX CONTACT
|
0444019 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441012 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0444048 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441083 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
1804917 |
Plug component, nominal current: 20 A, rated voltage: 400 V, pitch: 7.62 mm, no. of positions: 3, type of connection: Screw connection
|
List of Unclassifed Manufacturers ETC[ETC]
|
0393360000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 2, 90°, Box
|
Weidmuller
|
0391360000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 3, 180°, Box
|
Weidmuller
|
PCN11-010P-2.54BP-2 PCN11-010S-2.54PFB-2 PCN11-016 |
PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type)
|
HIROSE[Hirose Electric]
|
0708250 |
Molded feed-through terminal block, with solder connection inside, 4 mm?? screw connection outside, for housing walls up to 4 mm thickness, fixed with knurled nuts - VDFK 4
|
Phoenix Contact
|
|