PART |
Description |
Maker |
BHXXLB1WG BHXXLB1WHFV BH29FB1WG BH29FB1WHFV BH30FB |
Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators low dropout CMOS regulators with 150 mA and 300 mA Standard CMOS LDO Regulators Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
|
Rohm
|
AME8841REHA AME8841 AME8841AEHA AME8841BEHA AME884 |
Output voltage: 1.5V; 600mA CMOS LDO Output voltage: 3.1V; 600mA CMOS LDO Output voltage: 2.9V; 600mA CMOS LDO Circular Connector; No. of Contacts:100; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 600毫安的CMOS LDO稳压 Output voltage: 2.85V; 600mA CMOS LDO Output voltage: 3.7V; 600mA CMOS LDO
|
AME[Analog Microelectronics] AME, Inc.
|
ECU-V1H103KBV ILC7080AIM5-285 ILC7080AIM5-30 ILC70 |
50/100M SOT-23 CMOS RF LDO REGULATORS 50mA CMOS RF-LDO regulator 100mA CMOS RF-LDO regulator
|
Impala Linear Corporation
|
TC1107 TC1107-5.0VOA TC1107-5.0VOATR TC1107-5.0VUA |
300mA CMOS LDO with Shutdown and VREF Bypass 3.3 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO8 The TC1107 is a fixed output, high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators. Total ... The TC1107 is a fixed output, high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators. Total supply current is typically 50A at full load (20 to 60 times lower than in bipolar regulators!). TC1107 key
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
Micro Commercial Compon...
|
MSK5150-00HZU MSK5150-5.0TU MSK5150-3.3TU MSK5150- |
VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 甚高电流,低压降稳压 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.625 V DROPOUT, SFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.625 V DROPOUT, PSFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5 VERY HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 12 V FIXED POSITIVE LDO REGULATOR, 0.625 V DROPOUT, PSFM5
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
LR1101L-XX-AE3-5-R LR1101G-XX-AE3-5-R LR1101L-XX-A |
100mA, 4μA QUIESCENT CURRENT CMOS LDO REGULATOR
|
Unisonic Technologies
|
KIC3210T-02X KIC3210T-03X |
(KIC3210T-0x5) CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
|
KEC
|
PS2805C-4-V-F3 PS2805C-4-V-F3-A PS2805C-1-V-F3-A P |
HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
|
California Eastern Labs
|
XC6405 XC6405C XC6405A XC6405B XC6405CE81MR XC6405 |
High Current, High Speed LDO Regulators, Voltage Detector Function
|
TOREX[Torex Semiconductor]
|
MIC5252-2.5BM5 MIC5252-2.5YM5 MIC5252-2.85BM5 MIC5 |
150mA High PSRR, Low Noise 渭Cap CMOS LDO 150mA High PSRR, Low Noise μCap CMOS LDO
|
Micrel Semiconductor
|