PART |
Description |
Maker |
DFE201610E-4R7M |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201208S-1R5M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
1239AS-H-1R0M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
1239AS-H-2R2M 1239AS-H-2R2M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
DFE201610E-100M DFE201610E-100M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
1239AS-H-3R3M-18 |
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
|
Murata Manufacturing Co...
|
B82500-C-A8 B82500 B82500-C-A10 B82500-C-A2 B82500 |
VHF chokes with ferrite core Rated voltage 250 V dc/ac Rated current 0,2 to 2 A Rated inductance 120 to 3900 mH
|
EPCOS[EPCOS]
|
IN08006 |
Isat is the current at which the inductance drops by 15%.
|
ice Components, Ins.
|
B82442-H1332-K B82442-H1102-K B82442-H1103-K B8244 |
INDUCTOR 2220H 6.8UH 电感2220H 6.8UH High-current version Size 2220 (EIA) or 5650 (IEC) Rated inductance 1 to 10000 mH Rated current 35 to 2500 mA
|
EPCOS AG EPCOS[EPCOS]
|
B84110-A-A60 B84110-A B84110-A-A10 B84110-A-A20 B8 |
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
|
EPCOS[EPCOS]
|
B84110-B-A14 B84110-B |
Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
|
EPCOS[EPCOS]
|