PART |
Description |
Maker |
CA12059 |
Eva series
|
Cree, Inc
|
CXP82400A |
CMOS 8-bit Single Chip Microcomputer Piggyback/eva
|
SONY
|
PCA-6742LV-00A1E PCA-6742VE-00A1E PCA-674211 |
Advantech EVA-X4300 ISA Half-size SBC with VGA/LCD/LAN/CFC/USB and PC/104
|
Advantech Co., Ltd.
|
415322-2 |
F Series and G Series; SURFACE MOUNT JACK, F SERIES ( AMP )
|
Tyco Electronics
|
LN248WALU LN248WAL |
5.0 mm × 2.0 mm Series 5.0 mm 】 2.0 mm Series FILTER, SAW, 315MHZ; Attenuation:1.9dB; Case style:QCC8B; Depth, external:1.5mm; Insertion loss:1.9dB; Length / Height, external:3.8mm; Temp, op. max 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
74ABT2241 74ABT2241D 74ABT2241DB 74ABT2241N 74ABT2 |
Power Supply ABT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal buffer with 30 series termination From old datasheet system Octal buffer with 30ohm series termination resistors; 3-State Octal buffer with 30 Ohm series termination resistors (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MC14082BDR2G MC14011 MC14071BCP MC1408 MC14001BCPG |
B-Suffix Series CMOS Gates IEEE 802.3af PoE HIGH POWER PD CONTROLLER 8-SO PowerPAD -40 to 85 Triple 3-Input NOR Gate Quad 2-Input AND Gate Dual-Slot Cardbus Power-Interface Switches for Serial PCMCIA Controllers 24-HTSSOP -40 to 85 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, TRIPLE 3-INPUT AND GATE, PDIP14 B-Suffix Series CMOS Gates 后缀系列CMOS B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
535-9020-ND ABM3-48.000MHZ-B2-T 535-9000-ND 535-90 |
AB Series HC49U Crystals, ABLS Series HC49US SMD Crystals, ABL Series HC49US Crystals, ABM3 Series 5.0 x 3.2 SMD Crystals
|
http:// Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
0237 AA-0237-1 AA-0237-3 AA-0237-5 |
The 237 Series is designed to provide more aggressive performance than the 220 or 221 series.
|
JMK Inc.
|
BR25S128GUZ-W11 |
High Reliability Series Serial EEPROM Series WL-CSP EEPROMs family
|
Rohm
|
SQP200 SQP20A SQP700 SQP SQP10A SQP300 SQP500 SQP1 |
AXIAL LEAD TYPE Standard TypeSQP Series, Non-Inductive TypeNSP Series
|
List of Unclassifed Manufacturers ETC[ETC]
|