PART |
Description |
Maker |
9DBV0231 |
slew rate for each output SMBus-selectable features
|
Integrated Circuit Syst... Integrated Device Techn...
|
AT91F40816 AT91F40816-33CI |
The AT91F40816 features 8K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. ARM Thumb Microcontrollers
|
ATMEL Corporation
|
PCA9513 PCA9513D PCA9513DP PCA9514D PCA9514DP PCA9 |
PCA9513; PCA9514; Hot swappable I²C and SMBus bus buffer Hot swappable I2C and SMBus bus buffer Hot swappable IC and SMBus bus buffer
|
PHILIPS ICST[Integrated Circuit Systems]
|
MAX860 MAX860ESA MAX860ISA MAX860IUA MAX860-MAX861 |
40 AMP MINI-ISO AUTOMOTIVE RELAY Quadruple 2-Input Positive-NOR Gates 14-CFP -55 to 125 50mA / Frequency-Selectable / Switched-Capacitor Voltage Converters 50mA Frequency-Selectable Switched-Capacitor Voltage Converters 50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX821-MAX822 MAX822LUS-T MAX822MUS-T MAX822RUS-T |
4-Pin レP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 SCR Thyristor; Thyristor Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Peak Non Repetitive Surge Current, Itsm:200A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes 4-PIN ヌP VOLTAGE MONITORS WITH PIN-SELECTABLE POWER-ON RESET TIMEOUT DELAY 4-Pin P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin ?? Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay 4-Pin μP Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay Microprocessor Voltage Monitors with Programmable Voltage Detection
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1343 LTC1343CGW LTC1343CGWTRPBF |
Software-Selectable Multiprotocol Transceiver; Package: SSOP; No of Pins: 44; Temperature Range: 0°C to 70°C LINE TRANSCEIVER, PDSO44 Software-Selectable Multiprotocol Transceiver LINE TRANSCEIVER, PDSO44 Software-Selectable Multiprotocol Transceiver(软件可选择4收多协议收发
|
Linear Technology, Corp. Linear Technology Corporation
|
ECOS2CA271 ECOS1EA332CL ECOS1KA681BA TS-HA ECOS1AA |
CAP .033UF 50V PPS FILM ECH-S CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 12000 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 8200 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 22000 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 6800 uF, THROUGH HOLE MOUNT Single Slot PC CardBus Controller 144-BGA MICROSTAR 0 to 70 Replaced by PCI1510 : PC Card Controller 144-LQFP 0 to 70 Replaced by PCI1520 : PCI-to-PC Card Controller 209-BGA MICROSTAR Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TVSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-VQFN -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Replaced by PCI1520 : PC Card Controller 256-BGA Ring Tongue Solderless Terminal; Wire Size (AWG):1/0; Stud Size:3/4 Replaced by PCI1520 : PC Card Controller 257-BGA MICROSTAR 005279 0.01UF 16V 0402. Large Can Aluminum Electrolytic Capacitors
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor] http://
|
LT1991 LT1991HMS-PBF LT1991HMS-TRPBF LT1991IDD-PBF |
Precision, 100µA Gain Selectable Amplifier; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 250 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C OP-AMP, 200 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100µA Gain Selectable Amplifier; Package: MSOP; No of Pins: 10; Temperature Range: -40° to 125°C OP-AMP, 160 uV OFFSET-MAX, 0.56 MHz BAND WIDTH, PDSO10 Precision, 100μA Gain Selectable Amplifi er Precision, 100渭A Gain Selectable Amplifi er Precision, 100楼矛A Gain Selectable Amplifi er
|
Linear Technology, Corp. http://
|
ADA4410-6ACPZ-R2 ADA4410-6ACPZ-R7 ADA4410-6ACPZ-RL |
Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV SPECIALTY CONSUMER CIRCUIT, QCC32 Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV 集成视频滤波器截止可选为RGB,频率高标清辎,C和简
|
Analog Devices, Inc.
|
AT90SC4816RS |
AT90SC4816RS Summary [Updated 06/03. 2 Pages] Summary of the AT90SC4816RS giving the key features. a brief description and a block diagram. Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Security Features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (random Number Generator), "out of bounds" detectors, side chann
|
Atmel
|
|