PART |
Description |
Maker |
SP8855 SP8855E |
2.8GHz Parallel Load Professional Synthesiser MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:30V; Continuous Drain Current, Id:15A; On-Resistance, Rds(on):10mohm; Rds(on) Test
|
Mitel Semiconductor MITEL[Mitel Networks Corporation]
|
AMS431L AMS431LA AMS431LAL AMS431LAM AMS431LAM1 AM |
MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:30A; On-Resistance, Rds(on):0.014ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.06ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:Yes .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:150V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.06ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No RoHS Compliant: No .2V并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:25A; On-Resistance, Rds(on):0.045ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No RoHS Compliant: No 1.2V SHUNT REGULATOR
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
2SK528 |
Drain Current ?ID=2A@ TC=25C
|
Inchange Semiconductor ...
|
2SK630 |
Drain Current ?ID=5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK845 |
Drain Current ?ID=5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1601 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1211 |
Drain Current ?ID=2.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1460 |
Drain Current ?ID=3.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1224 |
Drain Current ?ID=4A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1465 |
Drain Current ?ID=8A@ TC=25C
|
Inchange Semiconductor ...
|
2N80 |
Drain Current ID= 2.4A@ TC=25C
|
Inchange Semiconductor ...
|
2SK529 |
Drain Current ?ID=2A@ TC=25C
|
Inchange Semiconductor ...
|