PART |
Description |
Maker |
HCF4000 HCF4000B HCF4001 HCF4001B HCF4002 HCF4002B |
NOR GATE (289.19 k) TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,6A I(D),TO-3 RoHS Compliant: Yes T-PNP-SI-AF PO- .75W T-NPN- SI-PO & SW-PD 40 W 或非 MOSFET-PWR N-CH HI SPEED 或非 MOSFET; Transistor Polarity:P Channel; Continuous Drain Current, Id:10.5A; On-Resistance, Rds(on):0.3ohm; Package/Case:3-TO-220; Continuous Drain Current - 100 Deg C:7.5A; Continuous Drain Current - 25 Deg C:10.5A 或非 MOSFET-PWR 800V 4A 或非 NOR GATE 或非 MOSFET-PWR 500V 8A
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
PST993 PST993C PST993D PST993E PST993F PST993G PST |
MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-20V; Continuous Drain Current, Id:-2.2A; On-Resistance, Rds(on):0.1ohm; Rds(on) Test Voltage, Vgs:-4.5V; Package/Case:SOT-23; Leaded Process Compatible:No MOSFET, P, SOT-23; Transistor type:MOSFET; Current, Id cont:2.2A; Resistance, Rds on:0.1R; Voltage, Vgs Rds on measurement:4.5V; Case style:SOT-23 (TO-236); Current, Id max:2.2A; Current, Idm pulse:10A; Marking, SMD:L1; Pins, No. RoHS Compliant: Yes MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:2.1A; On-Resistance, Rds(on):0.085ohm; Rds(on) Test Voltage, Vgs:4.5V; Package/Case:SOT-23; Leaded Process Compatible:No System Reset
|
MITSUMI ELECTRIC CO LTD ETC[ETC] Mitsumi Electronics, Corp.
|
ST662 ST662A ST662AB ST662ABD ST662ABN ST662AC ST6 |
From old datasheet system DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:14A; On-Resistance, Rds(on):9mohm; Rds(on) Test
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导
|
AMS431 AMS431A AMS431AL AMS431AM AMS431AN AMS431AS |
PRECISION ADJUSTABLE SHUNT REGULATOR 精密可调并联稳压 MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:15A; On-Resistance, Rds(on):0.09ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-252; Leaded Process Compatible:No 精密可调并联稳压 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-60V; Continuous Drain Current, Id:10A; On-Resistance, Rds(on):0.28ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:TO-252; Leaded Process Compatible:No 精密可调并联稳压
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems]
|
2N20 |
Drain Current ID= 2A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1603 |
Drain Current ?ID= 2.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1600 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1211 |
Drain Current ?ID=2.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1460 |
Drain Current ?ID=3.5A@ TC=25C
|
Inchange Semiconductor ...
|