PART |
Description |
Maker |
BYW34 BYW36 BYW32 BYW33 BYW35 |
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size Coaxial Cable; Coaxial RG/U Type:7; Impedance:75ohm; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Temperature Max:75 C RoHS Compliant: Yes
|
GE[General Semiconductor] GE Security, Inc.
|
KFW2G16D2M-DED5 KFW4G16Q2M-DEB5 KFW4G16Q2M-DED5 KF |
RES, 15 OHM, 1%, 1/16W, 0402 PKG CONN RCPT .100 100POS DL R/A AU Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:600V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:223; Impedance:50ohm; Conductor Size AWG:19; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:600V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:223; Impedance:50ohm; Conductor Size AWG:19; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Approval Categories:UL AWM Style 1354; Cable/Wire MIL SPEC:MIL-C-17G RoHS Compliant: Yes FLASH MEMORY(54MHz) 闪存4MHz之间 FLASH MEMORY(54MHz)
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
BYW32 BYW36 BYW35 BYW33 BYW34 |
Fast Silicon Mesa Rectifiers From old datasheet system Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size:Solid Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80%
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Telefunken
|
DF26A1.7-9CP-1.1V DF26A1.2-09CP-1.1V DF26A1.2-16CP |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:25; No. Strands x Strand Size:19 x 37; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 1.1mm的超薄沥青压缩器 1.1mm Pitch Low Profile Compression Connectors 1.1mm的超薄沥青压缩器
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
10B-2001 |
Military-Grade 10BASE-T interface module Coaxial Cable; Coaxial RG/U Type:8; Impedance:52ohm; Conductor Size AWG:13; No. Strands x Strand Size:7 x 21; Jacket Material:Polyvinylchloride (PVC); Jacket Color:Black; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes
|
Aeroflex Circuit Techno... AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
FL141-12SMNM |
Coaxial Cable
|
Mini-Circuits
|
086-12SBSM |
Coaxial Cable
|
Mini-Circuits
|
086-10SM |
Coaxial Cable
|
Mini-Circuits
|
047-6SMPRC |
Coaxial Cable
|
Mini-Circuits
|
047-3SMPSM |
Coaxial Cable
|
Mini-Circuits
|