PART |
Description |
Maker |
ZSPM9015 ZSPM9015ZI1R |
Ultra-Compact, High-Performance, High-Frequency DrMOS Device
|
Integrated Device Techn...
|
OV07451-F48V OV07950-F48V |
ultra-compact, high-performance automotive CameraChip sensor
|
OmniVision Technologies, Inc.
|
LSM303CTR |
Ultra-compact high-performance e-compass 3D accelerometer and 3D magnetometer module
|
ST Microelectronics
|
EF2-1.5NU EF2-1.5T EF2-1.5TNUX EF2-12NUH EF2-12TNU |
Ultra-low power/ compact and lightweight/ High breakdown voltage/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Differential Inputs; Data Interface:Serial; Package/Case:24-SOIC; Interface Type:Serial POWER/ENERGY MEASURE, SMD, SSOP28; Pins, No. of:28; Case style:SSOP; Base number:5467; Termination Type:SMD RoHS Compliant: Yes Marker Strip; External Height:.135"; External Width:1.13"; Label Material:Vulcanized Fiber 超低功耗,结构紧凑,重量轻,高击穿电压,表面安装型 Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type 超低功耗,结构紧凑,重量轻,高击穿电压,表面安装型 CONNECTOR ACCESSORY 连接器附 Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
|
NEC Corp. NEC, Corp.
|
RPM973-H16 |
Ultra-compact, Ultra-thin Top View FIR-compatible IrDA Module with Built-in Remote Control Transmission Function
|
Rohm
|
INTERNET550U |
Internet Office 550VA Ultra-compact Standby 120V Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
|
Tripp Lite. All Rights Reserved Tripp Lite. All Rights Rese...
|
INTERNET350U |
Internet Office 350VA Ultra-compact Standby 120V Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
|
Tripp Lite. All Rights Reserved Tripp Lite. All Rights Rese...
|
EC2-6 EC2 EC2-12ND EC2-12NP EC2-12NU EC2-12NJ EC2- |
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type COMPACT AND LIGHTWEIGHT/ SMALL MOUNTING SIZE/ HIGH BREAKDOWN VOLTAGE High Insulation/ High breakdown voltage/ compact and lightweight/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:8; Input Channel Type:Differential; Data Interface:Serial; Package/Case:48-LQFP RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Capacitor Type:Suppression; Voltage Rating:100VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.022uF; Capacitance Tolerance: 10%; Lead Pitch:5.00mm; Leaded Process Compatible:Yes RoHS Compliant: Yes COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE 小巧轻盈,小安装尺寸,高击穿电压
|
NEC Corp. NEC, Corp.
|
AX-SIP-SFEU |
Ultra-Low Power, Ultra Compact, AT Command / API Controlled, Sigfox Verified Transceiver SiP
|
ON Semiconductor
|
ECL10US05 ECL10US03 ECL10US15 ECL10US05-P ECL10US0 |
Ultra Compact Size
|
XP Power Limited
|
ANT-2.4-CHP-X |
ULTRA COMPACT CHIP ANTENNA
|
List of Unclassifed Man...
|
LV24003LP |
Ultra-compact FM tuner IC for mobile set
|
Sanyo Semicon Device
|