PART |
Description |
Maker |
TGAR-1662-3G-M12 TGAR-1662-3G-M12-EU TGAR-1662-3G- |
Industrial EN50155 Dual IEEE 802.11 a/b/g/n 3G Cellular Router
|
ORing Industrial Networ...
|
CPGS-B9142ET-C |
3U CompactPCI EN50155 16-port managed Gigabit Ethernet switch
|
ORing Industrial Networ...
|
CPGS-B9142ET-M12-C |
3U CompactPCI EN50155 16-port managed Gigabit Ethernet switch
|
ORing Industrial Networ...
|
HDSP-076 HDSP-0760 HDSP-0761 HDSP-0762 HDSP-0773 H |
Hexadecimal and Numeric Displays for Industrial Applications 十六进制数字显示和工业应 16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 48; Container: Rail 16-Bit Buffer/Line Driver with 3-STATE Outputs; Package: TSSOP; No of Pins: 48; Container: Tape & Reel HDSP-0961 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0761 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0762 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0772 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0760 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0770 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0771 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0763 · Numeric DIsplays for Industrial Applications HDSP-0960 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0962 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0963 · Numeric DIsplays for Industrial Applications HDSP-0860 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0861 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0862 · Hexadecimal and Numeric DIsplays for Industrial Applications HDSP-0863 · Numeric DIsplays for Industrial Applications
|
Avago Technologies, Ltd. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
PBB4A-C24D12A PBB4A-C24D12B PBB4A-C4812B PBB4A-C24 |
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
|
Powerbox
|
SFS104812 SFS104815 SFS10481R2 SFS10481R5 SFS10481 |
10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
|
Powerbox
|
PBB4A-0505A PBB4A-0505B PBB4A-0505C PBB4A-0505D PB |
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
|
Powerbox
|
MAF08009 MAF08018 MAF08021 MAF08006 MAF08012 MAF08 |
6-24 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
|
Powerbox
|
ADG621BRMZ ADG621BRM-REEL ADG623BRMZ ANALOGDEVICES |
CMOS ±5 V/ 5 V, 4 O Dual SPST Switch; Package: MSOP; No of Pins: 10; Temperature Range: Industrial DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO10 CMOS ±5 V/ 5 V, 4 Ω Dual SPST Switches CMOS 5 V/ 5 V, 4 Dual SPST Switches
|
Analog Devices, Inc. ANALOG DEVICES INC
|
WT274C WT274C-N140 WT274C-S140 WT272C WT272C-N080 |
Dual/Quad Low Power CMOS OP Amplifiers The WT272 (dual OP Amp) or WT274 (quad OP Amp) is an ideal upgrade for industrial standard ICs such as TL064/ MC34184/ TLC27L4/ and LM324
|
List of Unclassifed Manufacturers ETC
|