PART |
Description |
Maker |
AS21P2TLR |
Low voltage 0.5 ohm max dual single-pole double-throw analog switch with break-before-make
|
ST Microelectronics
|
AD7878LN AD7878LP |
SOTiny Low-Voltage, 8-Ohm Single Analog / Bus Switch IC LOGIC 125 LOW-VOLTAGE SINGLE FET 8-OHM BUS SWITCH -40 85C SC-70-5 3000/REEL
|
Analog Devices, Inc.
|
X9119TV14 X9119TV14-2.7 X9119TV14I X9119TV14I-2.7 |
IGBT MODULE, 1200V, 54A; Transistor type:IGBT4; Current, Ic continuous a max:56A; Voltage, Vce sat max:2.05V; Case style:MiniSkiiP 2 ; Current, Ic continuous b max:45A; Time, rise:35ns; Voltage, Vce sat typ:1.85V; Voltage, RoHS Compliant: Yes Single Supply/Low Power/1024-Tap/2-Wire Bus
|
INTERSIL[Intersil Corporation]
|
BC859W BC859BW |
Low current (max. 100 mA). Low voltage (max. 45 V). Collector-base voltage VCBO -30 PNP General Purpose Transistor
|
TY Semiconductor Co., Ltd TY Semicondutor
|
ADG701BRJ-500RL7 ADG701BRJ-REEL ADG701BRJ-REEL7 AD |
4 Ohm, Low Voltage, Wide Bandwidth Single SPST in 6-ld SOT-23, NC CMOS Low Voltage 2 Ω SPST Switch
|
Analog Devices
|
ISL84517IH-T ISL84517IB-T ISL84517IB ISL84517 ISL8 |
GIGATRUE 550 CAT PATCH CABLE NO BOOT 7FT RED 512 x 36 synchronous FIFO memory 120-HLQFP 0 to 70 低电压,双电源,聚苯乙烯,模拟开 Low-Voltage Dual Supply SPST Analog Switches Low-Voltage, Dual Supply, SPST, Analog Switches Low-Voltage/ Dual Supply/ SPST/ Analog Switches Analog Switch, SPST, Single, NClosed, Ron = 13 @ V, Ron Flatness Max 3Ω, .5V to V Supply Analog Switch, SPST, Single, NOpen, Ron = 13 @ V, Ron Flatness Max 3Ω, .5V to V Supply
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
2PA1576 2PA1576Q 2PA1576S 2PA1576R |
Low current (max. 100 mA) Low voltage (max. 40 V). Low collector capacitance (typ. 2.5 pF).
|
TY Semiconductor Co., Ltd
|
STG4158 |
Low voltage 0.6 ohm typ single SPDT switch
|
ST Microelectronics
|
IXBOD1-23R IXBOD1-23RD IXBOD1-19R IXBOD1-19RD IXBO |
Transient voltage protection Single Breakover Diode(单穿通二极管) SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.55KV V(BO) MAX|15MA I(S) SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.75KV V(BO) MAX|15MA I(S) GT 9C 2#12 7#16 SKT PLUG 3200 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.7KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.7KV五(公报)最大| 15mA的我(拧 SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.45KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.45KV五(公报)最大| 15mA的我(拧 2100 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.05KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.05KV五(公报)最大| 15mA的我(拧 3000 V, RVS BLOCKING BOD 2000 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|2.25KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 2.25KV五(公报)最大| 15mA的我(拧 2600 V, RVS BLOCKING BOD Breakover Diodes 800 V, RVS BLOCKING BOD SINGLE UNIDIRECTIONAL BREAKOVER DIODE|1.35KV V(BO) MAX|15MA I(S) 单单向击穿二极管| 1.35KV五(公报)最大| 15mA的我(拧 SINGLE UNIDIRECTIONAL BREAKOVER DIODE|3.3KV V(BO) MAX|15MA I(S)
|
IXYS Corporation IXYS, Corp.
|
IDT54FCT162374ATPFB IDT54FCT162374TPAB IDT54FCT162 |
FAST CMOS 16-BIT REGISTER (3-STATE) Variable Capacitance Diode for Digital audio; Ratings VR (V): 10; Characteristics n: 2.40 to 3.05; Characteristics rs (ohm) max: 1.8; Characteristics C (pF) max: C1 = 2.60 to 2.90 C3 = 0.97 to 1.08; Characteristics CVR/CVR: 1/3; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 2.35 to 2.55; Characteristics rs (ohm) max: 0.6; Characteristics C (pF) max: C1=6.62 to 7.02 C4=2.60 to 2.95; Characteristics CVR/CVR: 1/4; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 2.10 to 2.40; Characteristics rs (ohm) max: 0.75; Characteristics C (pF) max: C0.5 = 7.38 to 7.92 C2.5 = 3.26 to3.58; Characteristics CVR/CVR: 0.5/2.5; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 10; Characteristics n: 1.680 to 1.750; Characteristics rs (ohm) max: 1.2; Characteristics C (pF) max: C1 = 21.50 to 24.00 C2 = 12.50 to 14.50; Characteristics CVR/CVR: 1/2; Cl: 17; Package: SFP Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 2.43 to 2.57; Characteristics rs (ohm) max: 0.75; Characteristics C (pF) max: C0.5 = 7.30 to 7.70 C2.5 = 2.90 to 3.18; Characteristics CVR/CVR: 0.5/2.5; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 10; Characteristics n: 2.30 to 2.46; Characteristics rs (ohm) max: 0.4; Characteristics C (pF) max: C0.5 = 18.5 to 20.0 C2.5 = 7.3 to 8.6; Characteristics CVR/CVR: 0.5/2.5; Cl: 7.95; Package: SFP Variable Capacitance Diode for Digital audio; Ratings VR (V): 10; Characteristics n: 2.28 to 2.90; Characteristics rs (ohm) max: 1.1; Characteristics C (pF) max: C1 = 2.90 to 3.30 C3 = 1.12 to 1.30; Characteristics CVR/CVR: 1/3; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 10; Characteristics n: 2.02 to 2.26; Characteristics rs (ohm) max: 0.4; Characteristics C (pF) max: C0.5 = 18.5 to 20.0 C2.5 = 8.55 to 9.45; Characteristics CVR/CVR: 0.5/2.5; Cl: -; Package: MP6 Variable Capacitance Diode for VCO; Ratings VR (V): 10; Characteristics n: 2.62 min; Characteristics rs (ohm) max: 0.4; Characteristics C (pF) max: C1 = 14.6 to 15.8 C4 = 5.20 to 5.80; Characteristics CVR/CVR: 1/4; Cl: 5.85; Package: EFP Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 3.0 min; Characteristics rs (ohm) max: 2; Characteristics C (pF) max: C1 = 41.6 to 49.9 C4 = 10.1 to 14.8; Characteristics CVR/CVR: 1/4; Cl: 12.45; Package: SFP Variable Capacitance Diode for VCO; Ratings VR (V): 15; Characteristics n: 1.73 to 2.10; Characteristics rs (ohm) max: 0.7; Characteristics C (pF) max: C1 = 2.35 to 2.70 C3 = 1.22 to 1.42; Characteristics CVR/CVR: 1/3; Cl: -; Package: MP6
|
Integrated Device Technology, Inc.
|
PZ8GG-1515E PZ8GG PZ8GG-0505E PZ8GG-0512E PZ8GG-05 |
Input voltage:12V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output FERRITE CHIP 40 OHM 550MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP BEAD 80 OHM SMD 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 1000 OHM 200MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 470 OHM 250MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 120 OHM 400MA 0402 FERRITE CHIP 240 OHM 300MA 0402 FERRITE CHIP 300 OHM 250MA 0402 FERRITE CHIP 600 OHM 250MA 0402 FERRITE CHIP BEAD 600 OHM SMD PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|