PART |
Description |
Maker |
ATV04A360JB-G ATV04A580J-G ATV04A580JB-G ATV04A7V0 |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=400Watts, V<sub>RWM</sub>=36V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=160V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=170V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=300V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=33V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=16V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=18V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=54V, Tolerance=5%
|
Comchip Technology
|
ATV50C101JB-G ATV50C110J-G ATV50C110JB-G ATV50C111 |
Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=40V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=5000Watts, V-RWM=13V, Tolerance=5%
|
Comchip Technology
|
3KP70CA-HF 3KP70A-HF 3KP45A-HF 3KP36A-HF 3KP36CA-H |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5%
|
Comchip Technology
|
ATV30C100J-HF ATV30C100JB-HF ATV30C101J-HF ATV30C1 |
Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=10V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=100V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=11V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=110V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=12V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=120V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=13V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=130V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=7.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=7V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=400V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=20V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=9V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=85V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Diodes, P-PPM=3000Watts, V-RWM=8.5V, Tolerance=5%
|
Comchip Technology
|
1N6267L 1N6303L 1N6267AL 1N6268AL 1N6268L 1N6269AL |
TRANSIENT VOLTAGE SUPPRESSOR TRANSIENT VOLTAGE SUPPRESSOR 瞬态电压抑制器 TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AD
|
EIC discrete Semiconduc... Electronics Industry Public Company Limited EIC[EIC discrete Semiconductors]
|
SMBJ5V0 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ90A SMBJ100 |
DEVICES FOR BIPOLAR APPLICATIONS 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:17V)(600W瞬变电压抑制反向隔离电压17V 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:9.0V)(600W瞬变电压抑制反向隔离电压9.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.0V)(600W瞬变电压抑制反向隔离电压8.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:7.5V)(600W瞬变电压抑制反向隔离电压7.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.5V)(600W瞬变电压抑制反向隔离电压6.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.0V)(600W瞬变电压抑制反向隔离电压6.0V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.5V)(600W瞬变电压抑制反向隔离电压8.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:22V)(600W瞬变电压抑制反向隔离电压2V 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
S26A S11A S18A S24A S12A S22A S13A S14A S15A S20A |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(26V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(11V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(18V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(24V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(12V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(22V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(13V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(14V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(15V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(20V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(10V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(16V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制 500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressor(17V峰值反向电压,500W峰值功率,MiniMOSORB齐纳瞬变电压抑制
|
ON Semiconductor
|
DLZ5 DLZ19C DLZ19CA DLZ8CA DLZ12A DLZ13C DLZ17A |
Transient Voltage Suppressor / Data Line Transient Suppressor Transient Voltage Suppressor 1300 W, UNIDIRECTIONAL, 15 ELEMENT, SILICON, TVS DIODE Transient Voltage Suppressor 1300 W, BIDIRECTIONAL, 15 ELEMENT, SILICON, TVS DIODE
|
Sensitron Semiconductor
|
5KP22 5KP5.0A 5KP28A 5KP6.0A 5KP6.5A 5KP10 5KP10A |
TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:50-110V PEAK PULSE POWER: 5000W TRANSIENT VOLTAGE SUPPRESSOR 瞬态电压抑制器 TRANZORB, 18V UNIPOLAR, 1500W 瞬态电压抑制器
|
SSE[Shanghai Sunrise Electronics] Shanghai Sunrise Electronics Co., LTD.
|
CTCN0812V-G CTCN0824V-G CTCN083V3-G CTCN085V0-G CT |
Transient Voltage Suppressor (TVS) Array, V-C=20V, V-PV=16kV, I-PP=12A Transient Voltage Suppressor (TVS) Array, V-C=43V, V-PV=16kV, I-PP=5A Transient Voltage Suppressor (TVS) Array, V-C=8V, V-PV=16kV, I-PP=17A Transient Voltage Suppressor (TVS) Array, V-C=10V, V-PV=16kV, I-PP=17A
|
Comchip Technology
|
SA43 SA22 SA45A SA40A SA10 SA45 SA14 SA18 SA26 SA3 |
TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩ TRANSIENT VOLTAGE SUPPRESSOR TransZorb Transient Voltage Suppressor(TransZorb瞬变电压抑制 1/4 JACK PHONE MONO OPEN W/SWITCH 1 CONDUCTOR RES 3.4K OHM 1/10W .5% 0805 SMD /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount /Case:1206; Series:VJ; Features:Multilayer Ceramic Chip Capacitor TP Series Rocker Switch, 4 pole, 3 position, Screw terminal, Flush Panel Mounting SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,600.0 V; IC(max) @ 25°: 60.0 A; IC(max) @ 100°: 30.0 A TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR TRANSZORB⑩瞬态电压抑制器
|
GE[General Semiconductor] GE Security, Inc.
|
|