PART |
Description |
Maker |
RIF-RHM-1-H |
Relay retaining bracket, wire model, suitable for RIF-1 relay base, for 25 mm high octal miniature power relays
|
PHOENIX CONTACT
|
RIF-2-RPT-LDP-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 PDTs. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
RIF-2-RSC-LV-120AC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, plug-in display/interference suppression module, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-2-RSC-LDP-125DC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 125 V DC
|
PHOENIX CONTACT
|
RIF-0-RSC-24DC |
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
RIF-0-RSC-12DC |
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|
EPG4014S-RCTR |
DATACOM TRANSFORMER FOR 10/100 BASE-TX; 1000 BASE-T APPLICATION(S) ROHS COMPLIANT
|
Samsung Semiconductor Co., Ltd.
|
FDJ1028N |
Plug-In Relay; Contacts:DPDT; Contact Carry Current:12A; Coil Voltage AC Max:12V; Relay Mounting:Plug-In; Relay Terminals:8-Pin Octal; Relay Options:Hermetically Sealed; Coil Resistance:72ohm; Contact Carrying Power:1.2W RoHS Compliant: Yes N-Channel 2.5 Vgs Specified PowerTrench MOSFET
|
Fairchild Semiconductor Corporation
|
40ST1025-1 40ST1025-1M |
40 PIN SMD QUAD 10 BASE-T/100 BASE-TX TRANSFORMER
|
Bothhand USA, LP.
|
6814 |
LAN 10 BASE-T / 100 BASE-T Single TX Transformer
|
FILTRAN[Filtran LTD]
|
G1PM109N-VLF G1PM109N-V-LF |
1000 BASE ?T MAGNETICS MODULES Compliant with IEEE 802.3ab standard for 1000 BASE-T
|
Bothhand USA, LP.
|