PART |
Description |
Maker |
IMS7 24IMS7-03-9 24IMS7-05-05-9 24IMS7-05-9 24IMS7 |
7 Watt DC-DC Converters Standard Metal Shell Nano Strip Connector CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 500 A nominal, ± 1200 amp range, 5000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, center pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 100 A nominal, ± 150 amp range, offset pin, 2000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 50 A nominal, ± 90 amp range, offset pin, 1000 turn CSN Series closed loop current sensor, measures ac, dc or impulse current, 125 A nominal, ± 200 amp range, center pin, 2000 turn
|
http:// POWER-ONE[Power-One]
|
TLP216 TLP215 |
DIGITAL LOGIC INTERFACE MICROPROCESSOR SYSTEM INTERFACE ISOLATED BUS DRIVER LINE RECEIVER GROUND LOOP ELIMINATION From old datasheet system
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
EMC1203-ACZL-TR |
Triple/Quad Single-Wire Temp Sensor in MSOP-8 Using SMSC BudgetBus Sensor Interface DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT
|
SMSC, Corp.
|
AD693AQ AD693AE AD693 AD693-15 |
Loop-Powered 4.20 mA Sensor Transmitter Loop-Powered 4-20 mA Sensor Transmitter
|
Analog Devices, Inc.
|
PS12800 MIC-24CL VIC-24A VIC24P PAC12800 |
Current Loop Interface Converter
|
ETC List of Unclassifed Manufacturers
|
ILI-S-E3 ILI-MB-E3 |
Intelligent Loop Interface-Main Board
|
Gamewell-FCI by Honeywell
|
AS27021 AS2702-20 |
AS-Interface Slave IC Actuator sensor interface; Package Type: SOIC-20
|
austriamicrosystems AG
|
AD22057N AD22057R-REEL AD22057RZ AD22057R |
Single-Supply Sensor Interface Amplifier ; Industry Standard SIP7 and DIP14 Packages; Power Sharing on Outputs; Optional Continuous Short Circuit Protected; 1kVDC & 2kVDC Isolation Options Single Supply Sensor Interface Amplifier
|
Analog Devices, Inc.
|
HSP50210 |
Digital Costas Loop, Clock = 52Mhz, 8 bit uP Interface
|
Intersil
|
MH88634CV-K |
Loop Start Central Office Interface Circuit with Korean line impedance
|
Zarlink Semiconductor
|
L7597 |
Resistive Subscriber Line Interface Circuit (SLIC), Ring Relay, and Protector (SRP) for Short Loop and TA-909 Applications(用于短环路和TA-909的电阻性用户线接口、振
|
Lineage Power
|
|