PART |
Description |
Maker |
MAX4167EPA MAX4167ESA MAX4165 |
High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
|
Maxim Integrated Products
|
MN101EF29G |
Buzzer output. Inverted buzzer output. Remote control carrier output. High-current drive port
|
Panasonic Semiconductor
|
ALD210800APCL ALD210800SCL ALD210800PCL ALD210800A |
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
|
Advanced Linear Devices
|
ISL6000706 ISL60007CIB825Z ISL60007BIB825Z ISL6000 |
1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References
|
Intersil Corporation
|
5962-9318702H4A 5962-9318702H5C 5962-9318702HUC 59 |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps X32号的SRAM模块 350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers X32号的SRAM模块 x32 SRAM Module X32号的SRAM模块
|
Electronic Theatre Controls, Inc. Avago Technologies, Ltd. Bourns, Inc.
|
ISL2100909 ISL21009BFB812Z-TK ISL21009CFB850Z ISL2 |
High Voltage Input Precision, Low Noise FGA?Voltage References Precision, Low Noise FGAVoltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 Precision, Low Noise FGAVoltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 High Voltage Input Precision, Low Noise FGA Voltage References High Voltage Input Precision, Low Noise FGA™ Voltage References; Temperature Range: Full-Range Ind; Package: 8-SOIC T&R 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 High Voltage Input Precision, Low Noise FGAVoltage References
|
Intersil, Corp. Intersil Corporation
|
PMA0207 |
Metal Film Resistors, Precision, High Stability 金属膜电阻器,高精度,高稳定 Metal Film Resistors, Precision, High Stability, Special stabilized metal alloy on high quality ceramic, Suitable for precision measuring techniques and precision control engineering
|
VISAY[Vishay Siliconix]
|
AD8380 AD8380JS AD8380JSZ |
Fast, High-Voltage Drive, 6-Channel Output DecDriver Decimating LCD Panel Driver Fast, High Voltage Drive, 6-Channel Output, 10-Bit Input Decimating LCD Panel Driver
|
Analog Devices, Inc. AD[Analog Devices]
|
M62525FP |
HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V / 2.5V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET HIGH PRECISION LOW INPUT/OUTPUT DIFFERENTIAL 3.3V, 2.5V FIXED OUTPUT VOLTAGE REGULATOR WITH RESET
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
NJU7045 NJU7045RB1 NJU7045F1 |
10-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-SOT-23 -40 to 85 Input/Output Full-Swing High Output Currentq_Single C-MOS Operational Amplifier with Shutdown From old datasheet system Input/Output Full-Swing High Output Current Single C-MOS Operational Amplifier with Shutdown
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
2SK2991 |
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
2SJ439 |
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
|