PART |
Description |
Maker |
STK15C88 STK15C88-N25 STK15C88-N25I STK15C88-N35 S |
HEATSINK TO-220 DUAL MT W/CLIPS 32K的8自动存储非易失高性能CMOS非易失性静态随机存储器 HEATSINK TO-218 10W H=2.5 BLK 32K的8自动存储非易失高性能CMOS非易失性静态随机存储器 HEAT SINK .720 HIGH RISE TO-220 32K的8自动存储非易失高性能CMOS非易失性静态随机存储器 32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM 32K的8自动存储非易失高性能CMOS非易失性静态随机存储器
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] SIMTEK
|
N4NY-003-9-CMC N6NY-008C-9-CMC N6NY-006C-9-CMC N6N |
P-Clips, Nylon Cable Clamping Clips
|
List of Unclassifed Manufacturers
|
FJL4215RTU 2SA1943RTU |
17 A, 250 V, PNP, Si, POWER TRANSISTOR, TO-264AA TO-264, 3 PIN PNP Epitaxial Silicon Transistor; Package: TO-264; No of Pins: 3; Container: Rail
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
MGY25N120_D ON1934 MGY25N120 |
Insulated Gate Bipolar Transistor 38 A, 1200 V, N-CHANNEL IGBT, TO-264 IGBT IN TO-264 A @ 90 38 A @ 25 1200 VOLTS SHORT CIRCUIT RATED From old datasheet system
|
ONSEMI[ON Semiconductor]
|
102064 129001 129002 101003 125001 121001 121002 1 |
Fuse Blocks and Clips Screw Terminal Fuse Blocks and Clips - For 3AG Fuses
|
LITTELFUSE[Littelfuse]
|
SI91871DMP-12-T1 SI91871DMP-50-T1 SI91871 SI91871D |
HEATSINK,PLG-IN,MODEL#574902,T 300 - mA的超低噪声LDO稳压器排放的选项 HEATSINK TO220 VER MNT W/TAB.69,1 300 - mA的超低噪声LDO稳压器排放的选项 Heat Sink; Package/Case:TO-220; Thermal Resistance:16.8 C/W; Mounting Type:Screw Mount; Length:11.18mm; Height:11.18mm; Width:28.45mm; Color:Black; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes HEATSINK TO220 VER MNT W/TAB.75,1 HEATSINK TO220 VER MNT W/TAB.75,3 HEATSINK TO-220 VERT MNT .75,1 HEATSINK TO220 HOR MNT W/TAB.75,1 Heat Sink; Package/Case:TO-220; Thermal Resistance:16 C/W; Mounting Type:Through Hole; Length:9.02mm; Height:34.93mm; Width:21.84mm; Body Material:Aluminum; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes HEATSINK TO220 VER MNT W/TAB.69,3 HEATSINK TO-220 VERT MNT W/TAB 300-mA Ultra Low-Noise LDO Regulator With Discharge Option
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
CPC1788 CPC1788J |
ISOPLUS垄芒-264 DC Power Relay ISOPLUS?264 DC Power Relay
|
Clare, Inc.
|
CPC1709 CPC1709J |
ISOPLUS?264 DC Power Relay ISOPLUS⑩-264 DC Power Relay
|
Clare, Inc.
|
LXR1240-6M1 LXR1701-6 LXR1740-6M1 LXN1240-6M1 LXR- |
460 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(16.9A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 25.7-29.3V,(12.6A) AC/DC converter 460 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(8.4A) AC/DC converter 375 and 500 Watt AC-DC Converters 37500瓦AC - DC转换 375 Watt, input voltage range:85-264/90-350V, output voltage 49.4V,(7.5A) AC/DC converter 345 Watt, input voltage range:85-264/90-350V, output voltage 51.4-58.6V,(6.3A) AC/DC converter
|
Vishay Intertechnology, Inc. POWER-ONE[Power-One] http://
|
PT2270 PT2270-L2-S PT2270-L2 PT2270-L3 PT2270-L3-S |
HEATSINK CPU 28MM SQBLK W/O TAPE HEATSINK CPU 28MM SQ BLK W/TAPE Remote Control Decoder 遥控解码
|
http:// Princeton Technology Corporation Princeton Technology, Corp.
|