PART |
Description |
Maker |
PSATC-3.3S PSATC-12D PSATC-24S PSATC-5D PSATC-5S P |
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
|
Wall Industries,Inc.
|
MAU122 MAU121 MAU123 MAU124 MAU125 MAU126 MAU127 M |
1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
|
ETC[ETC] List of Unclassifed Manufacturers
|
DBW48D12-40 DBW48D15-40 DBW48S15-40 DBW48S5-40 |
Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
|
Wall Industries,Inc.
|
JRW24D12-420 JRW24D15-330 JRW24D5-1000 JRW24S12-83 |
Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
|
Wall Industries,Inc.
|
REC10-243.3SRW REC10-123.3SRW REC10-123.3SRWZ REC1 |
10 Watt 1?x 2?Single & Dual Output 10 Watt 1” x 2” Single & Dual Output 10 Watt 1x 2Single & Dual Output 10 Watt 1x 2Single & Dual Output 10瓦特1“2”单 10 Watt 1??x 2??Single & Dual Output
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
REC20-1215SRWB REC20-1205SRWB REC20-4815SRWB REC20 |
20 Watt 2 inch x 2 inch Single & Dual Output 20英寸× 2英寸 20 Watt 2 inch x 2 inch Single & Dual Output 202英寸× 2英寸 CAPACITOR, 47UF 16V CAPACITOR, 47UF 16V; CAPACITANCE:47UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:YXF; TEMP, OP. MAX:105(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; TOLERANCE, RoHS Compliant: Yes 20 WATT 2 INCH X 2 INCH SINGLE & DUAL OUTPUT
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
1.5KE160CC 1.5KE160A 1.5KE16CA 1.5KE62CA 1.5KE75C |
1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS 1500 Watt peak power transient voltage suppressor. Reverse stand-off voltage VRWM = 243.00 V. Test current IT = 1 mA. Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-US8 -40 to 85 1500 WATT AXIAL TRANSIENT VOLTAGE SUPPRESSORS 1500瓦特轴向瞬态电压抑制器 MMC, SD, Memory Stick, Smart Media, and XD-Picture Card Voltage Translation Transceiver 48-TSSOP -40 to 85 16-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 48-TSSOP -40 to 85 HYB 39S16400CT-8
|
Bytes Comchip Technology Co., Ltd. Littelfuse, Inc. http:// LITTELFUSE[Littelfuse] Won-Top Electronics
|
RP20-483.3SE RP20 RP20-120512TE RP20-120515TE RP20 |
OSC 5V 8PIN CMOS 20瓦单,双 20 Watt Single, Dual & Triple Output 20瓦单,双 D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Float Mount; Peak Reflow Compatible (260 C):No RoHS Compliant: No 20 Watt Single, Dual & Triple Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP75-483.3SN RP75-482.5SN RP75-483.3SP RP75-48051. |
75 Watt Isolated Single & Dual Output 75 Watt Isolated Single & Dual Output 75瓦特的隔离单
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
REC2.2-483.3SRWZ_H1 REC2.2-0505DRW_H1 REC2.2-0505D |
2.2 Watt DIP24 Single & Dual Output 2.2瓦特DIP24 2.2 Watt DIP24 Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|