PART |
Description |
Maker |
TGAR-1062-3G-M12-EU TGAR-1062-3GS-M12-EU TGAR-1062 |
Industrial EN50155 IEEE 802.11 a/b/g/n 3G Cellular Router
|
ORing Industrial Networ...
|
TGAP-620 |
Industrial EN50155 IEEE 802.11 a/b/g/n wireless access point
|
ORing Industrial Networ...
|
IAP-W520 |
Industrial outdoor IEEE 802.11 a/n wireless access point
|
ORing Industrial Networ...
|
TGAR-1662-4G-M12 TGAR-1662-4G-M12-EU |
Industrial EN50155 Dual IEEE 802.11 a/b/g/n 4G LTE Cellular Router
|
ORing Industrial Networ...
|
ISL38601C-CD ISL38601C-EVAL |
PTSE 8C 8#20 STR PLUG ISL38601C PRISM GTCardbus32 IEEE 802.11g, 802.11b WLAN NIC ISL38601C PRISM GT Cardbus32 IEEE 802.11g/ 802.11b WLAN NIC ISL38601C PRISM GT Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
|
Intersil Corporation
|
HFBR-0400 |
Meets IEEE 802.3 Ethernet and 802.5 Token Ring Standards
|
AVAGO TECHNOLOGIES LIMI...
|
BCM94328 |
AirForce One SINGLE-CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU 空军一个单片IEEE 802.11a/b/g无线MAC /基频/收音机集成CPU
|
Broadcom, Corp.
|
AT76C511 |
AT76C511 is a highly integrated WLAN Bridge-on-a-Chip based on two ARM7TDMI?RISC processors, two 10/100 Ethernet MACs, 32-bit DMA Channels, SRAM and Cache for program/data, UART, 3.3V operation, 208 pin LQFP package. Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B) Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
|
ATMEL[ATMEL Corporation]
|
AM7996 AM7996DC AM7996DCB AM7996DCTR AM7996JC AM79 |
IEEE 802.3/Ethernet/Cheapernet Transceiver
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
88MZ300 |
Fully integrated IEEE 802.15.4 transceiver
|
Maxwell Technologies
|
MAX5984 |
IEEE 802.3af/at PSE Controller
|
Maxim Integrated Products
|