PART |
Description |
Maker |
AM29707DC AM29707LC AM29707PC AM29705/BXA AM29705A |
Dual Low Side Driver in a 8-pin DIP package; A IR4427 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a Lead-Free 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with dependent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2609DSPBF with Standard Packaging x4 SRAM Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a 8-Lead SOIC x4SRAM
|
|
IR2308 IR2308S |
High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-pin DIP package High Voltage and High Speed power MOSFET and IGBT Half Bridge Driver in a 8-lead SOIC package
|
International Rectifier
|
DBF60 DBF60G DBF60C |
6.0A Single-Phase Bridge Rectifier 6.0a下单相桥式整流器 High-Speed Rectifying Diodes Silicon Diffused Junction Type 6.0A Single-Phase Bridge Rectifier
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
IR2117S IR2118S IR2117PBF IR2118SPBF IR2117 IR2117 |
Single High Side Driver, Inverting Input in a 8-pin DIP package Single High Side Driver, Inverting Input in a 8-lead SOIC package Single High Side Driver, Noninverting Input in a 8-lead SOIC package Single channel driver
|
IRF[International Rectifier]
|
AM2968ALC AM2968ALCB AM2968DC AM2968A/BUA AM2968A/ |
Single High Side Driver, Inverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2128 packaged in a Lead-Free 8-Lead PDIP Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF shipped on Tape and Reel High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF with Standard Packaging Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-pin DIP DRAMController
|
|
HIP2101IR-T HIP2101 HIP2101EIB HIP2101EIB-T HIP210 |
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 100V/2A Peak High-Frequency Half Bridge Driver with TTL Logic Inputs; Temperature Range: -40°C to 85°C; Package: 8-EPSOIC T&R 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 20000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN 2 A HALF BRDG BASED MOSFET DRIVER, QCC16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
FAN73820702 FAN7382 FAN7382M FAN7382M1 FAN7382M1X |
Half Bridge Gate Driver Half-Bridge Gate Driver High- and Low-Side Gate Driver
|
FAIRCHILD SEMICONDUCTOR CORP
|
VBO25 VBO25-16NO2 VBO25-08NO2 VBO25-12AO2 VBO25-12 |
Single Phase Rectifier Bridge 38 A, 1400 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 1600 V, SILICON, BRIDGE RECTIFIER DIODE Single Phase Rectifier Bridge 38 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
HIP4081 HIP4081IP |
2.6 A FULL BRDG BASED MOSFET DRIVER, PDIP20 Driver, Full Bridge FET, High Frequency, 80V/2.5A Peak, Independent 4 N-Channel FET Driver
|
INTERSIL CORP
|
FAN7842_07 FAN7842 FAN7842M FAN7842MX FAN784207 |
Half Bridge Gate Driver 0.65 A HALF BRDG BASED MOSFET DRIVER, PDSO8 High and Low Side Gate Driver
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|