PART |
Description |
Maker |
DF37NB-10DS-0.4V DF37NB-10DS-0.4V51 DF37NB-16DS-0. |
0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
|
http:// Hirose Electric
|
1770740000 |
Terminal Block; Number of Positions:2; Pitch Spacing:0.138"; Wire Size (AWG):22-10; Mounting Type:PC Board; Color:Black; Leaded Process Compatible:Yes; Number of Contacts:2 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, SOCKET
|
Weidmuller, Corp.
|
M20-7881842 |
2.54mm Pitch DIL Horizontal PC Tail Socket Assembly, selective gold tin, 18 18-way 36 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M20-E020446 |
2.54mm Pitch DIL Vertical PC Tail Socket Assembly, tin, 4 4-way - twin beam contact 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
M52-5102545 M52-5012945 |
1.27mm Pitch DIL Vertical PC Tail Socket Assembly, 4.6mm height, gold, 25 25-way 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 1.27mm Pitch SIL Vertical PC Tail Socket Assembly, 8.5mm height, gold, 29-way
|
Harwin PLC HARWIN INC
|
DF9-15S-1V32 DF9-31S-1V32 DF9B-31S-1V32 |
1mm Pitch SMT Board to Board Connector(Standard Interface Connector Compliant with VESA FPDI-1) 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Hirose Electric
|
171-001-1NS-P1CLMH 171-001-1NS-PBCLMH 171-001-1NS- |
Single Row Strips with Solder Cups 24 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER 18 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 28 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 10 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 13 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, SOLDER, SOCKET 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER
|
Glenair, Inc. GLENAIR INC
|
M20-7893842 M20-7891442 M20-7891742 M20-7891746 M2 |
2.54mm Pitch SIL Horizontal PC Tail Socket Assembly, selective gold tin, 38-way 38 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Horizontal PC Tail Socket Assembly, selective gold tin, 14-way 14 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Horizontal PC Tail Socket Assembly, selective gold tin, 17-way 17 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Horizontal PC Tail Socket Assembly, tin, 17-way 17 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Horizontal PC Tail Socket Assembly, tin, 31-way 31 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2.54mm Pitch SIL Horizontal PC Tail Socket Assembly, tin, 12-way 12 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
501531-0410 5015310410 |
0.40mm (.016) Pitch SlimStack Board-to-Board 0.40mm (.016") Pitch SlimStack垄芒 Board-to-Board
|
Molex Electronics Ltd.
|
M22-2661046 M22-2660805 |
2.00mm Pitch DIL Extended 2.4mm PC Tail Pin Header, 6mm board-stacking height, tin, 10 10-way BOARD STACKING CONNECTOR 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
|