PART |
Description |
Maker |
HMOV V10H50P |
The HMOVTM Varistor Series is specifically designed for applications requiring high surge energy absorption and high operating temperature of 125°C
|
Littelfuse
|
TT690MOV |
High Energy Thermally Protected TTxxxMOV High Energy Thermally Protected TTxxxMOV VOLTAGE-150 to 690 Volts AC Integrated Transient Surge Protector
|
MDE Semiconductor, Inc.
|
STK5434 STK5422 STK5361L STK5362 |
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:115Vrms; Voltage Rating DC, Vdc:153VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping Voltage 8/20us Max :300V; Peak Energy (10/1000uS):35J; Capacitance, Cd:1100pF Varistor; Voltage Rating AC, Vrms:105Vrms; Voltage Rating DC, Vdc:144VDC; Peak Surge Current (8/20uS), Itm:100A; Clamping Voltage 8/20us Max :310V; Peak Energy (10/1000uS):0.6J; Capacitance, Cd:27pF; Package/Case:3mm Axial Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:175Vrms; Voltage Rating DC, Vdc:225VDC; Peak Surge Current (8/20uS), Itm:6500A; Clamping Voltage 8/20us Max :455V; Peak Energy (10/1000uS):90J; Capacitance, Cd:1400pF 模拟IC
|
Littelfuse, Inc.
|
NSAD500S |
Prevention of ESD and surge for high-speed interface(USB 2.0, IEEE1394,or 100B) SURGE ABSORBER DEVICES
|
NEC[NEC]
|
TX2-5V TX2-12V TX2-3V TX2-L-1.5V TX2-48V TX2-L2-H- |
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE 2阿继电器容量高浪涌电 RELAY, SOLID STATE 40A 240VAC FILM/M CAPACITANCE=0.1 VOLT=63 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Nais(Matsushita Electric Wo... Panasonic, Corp. YEONHO Electronics Co., Ltd. NAIS[Nais(Matsushita Electric Works)] http://
|
UT35 |
Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
|
Willow Technologies Limited
|
MCCF3334 |
HIGH ENERGY IGNITION CIRCUIT
|
Motorola
|
MMFT2N25E |
High Energy Power FET
|
ON Semiconductor
|