PART |
Description |
Maker |
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2N6504G 2N650406 2N6667G 2N666705 2N6509TG 2N6504 |
Silicon Controlled Rectifiers Reverse Blocking Thyristors SCRs 25 AMPERES RMS 50 thru 800 VOLTS Darlington Silicon Power Transistors PNP SILICON DARLINGTON POWER TRANSISTORS 10 A, 60?80 V, 65 W
|
ONSEMI[ON Semiconductor]
|
MJD200 MJD210 MJD200T4 MJD200-1 MJD210-1 MJD210T4 |
From old datasheet system Complementary Plastic Power Transistors SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS 5 A, 25 V, PNP, Si, POWER TRANSISTOR
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
BD136 ON0185 BD140 BD138 BD140-10 |
Plastic Medium Power Silicon PNP Transistor From old datasheet system POWER TRANSISTORS PNP SILICON
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc Motorola, Inc.
|
BC737 BC738 |
PNP SILICON AF MEDIUM POWER TRANSISTORS (BC737 / BC738) NPN SILICON AF MEDIUM POWER TRANSISTORS
|
Micro Electronics
|
ZTX750 ZTX751 ZTX751STOA |
Transient Voltage Suppressor Diodes 2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
BD544 BD544C BD544A BD544B |
PNP SILICON POWER TRANSISTORS ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% 8 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-220
|
http:// POINN[Power Innovations Ltd] Power Innovations Limited Power Innovations International, Inc.
|
BD436 BD438 BD434 |
Silicon NPN Power Transistors Silicon PNP Power Transistors
|
Savantic, Inc.
|