PART |
Description |
Maker |
2N2220 2N2221 2N2222 Q68000-A4573 Q62702-F134 Q627 |
NPN Silicon Planar Transistors 800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 NPN Silicon Planar Transistors NPN硅平面晶体管
|
SIEMENS[Siemens Semiconductor Group] Siemens Group SIEMENS AG
|
2SD1815 2SB1215 |
NPN Epitaxial Planar Silicon Transistors NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SC3253 0043 |
NPN Epitaxial Planar Silicon Transistors 60V/5A High-Speed Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1455 2SD2203 |
NPN Epitaxial Planar Silicon Transistors 80V/7A High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SA1246 2SC3114 |
NPN Epitaxial Planar Silicon Transistors High-Vebo, AF Amp Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2N3904RL1 2N3904 2N3903RLRM 2N3904ZL1 2N3903 2N390 |
General Purpose Transistors NPN Silicon General Purpose Transistors(NPN Silicon) ; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Storage
|
ONSEMI[ON Semiconductor]
|
MJW3281AG MJW3281A10 MJW1302AG |
Complementary NPN-PNP Silicon Power Bipolar Transistors 15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS 15 A, 230 V, NPN, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Silicon Power Bipolar Transistors
|
ON Semiconductor
|
ZXT11N15DF ZXT11N15DFTC ZXT11N15DFTA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN 15V NPN SILICON LOW SATURATION TRANSISTOR NPN Low Sat Transistor
|
Diodes, Inc. Diodes Incorporated Zetex Semiconductors
|
2N6387 2N6388 ON0090 |
DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERE NPN SILICON From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
2SB1141 2SD1681 |
NPN Epitaxial Planar Silicon Transistors 18V/1.2A Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|