PART |
Description |
Maker |
B82422-A1102- B82422-A1103- B82422-A1104- B82422-A |
1 ELEMENT, 0.027 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.015 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Size 1210 (EIA) or 3225 (IEC) Rated inductance 0,0082 to 100 mH Rated current 65 to 700 mA
|
EPCOS[EPCOS] EPCOS AG
|
GRM32DR60J226KA01K |
CAP 22UF 6.3V 10% X5R SMD-1210 TR-13-PL SN100 CAPACITOR, CERAMIC, MULTILAYER, 6.3 V, X5R, 22 uF, SURFACE MOUNT, 1210
|
Murata Manufacturing Co., Ltd.
|
ISC1210SY820K ISC1210EB1R5K ISC1210EB101J ISC1210B |
General Fixed Inductor, IND,POWDERED IRON,82UH,10% TOL,10% -TOL,1210 CASE General Fixed Inductor, 1 ELEMENT, 1.5 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD, CHIP, 1210, HALOGEN FREE AND ROHS COMPLIANT General Fixed Inductor, IND,POWDERED IRON,100UH,5% TOL,5% -TOL,1210 CASE ISC-1210 Wirewound, Surface Mount, Molded, Shielded Inductors General Fixed Inductor, IND,POWDERED IRON,10UH,10% TOL,10% -TOL,1210 CASE General Fixed Inductor, 1 ELEMENT, 22 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR, SMD, ROHS COMPLIANT General Fixed Inductor, IND,POWDERED IRON,3.3UH,10% TOL,10% -TOL,1210 CASE General Fixed Inductor, IND,POWDERED IRON,15UH,10% TOL,10% -TOL,1210 CASE General Fixed Inductor, IND,POWDERED IRON,15UH,5% TOL,5% -TOL,1210 CASE
|
Vishay Dale
|
IDT54FCT22 IDT54FCT2245AT IDT54FCT2245ATD IDT54FCT |
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS FCT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20 FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS FCT SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, CDFP20 FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS 快速CMOS八路双向收发 CAP 0.47UF 16V 80-20% Y5V SMD-0805 TR-7-PL SN-NIBAR 快速CMOS八路双向收发 CAP 0.22UF 50V 80-20% Z5U SMD-1210 TR-7-PL SN-NIBAR 快CMOS八路双向收发 Multilayer Ceramic Chip Capacitor; 1.0uF, 25V, Y5V, SMD-1206 ; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes CAP 1.5UF 25V 10% X7R SMD-1210 TR-7-PL SN-NIBAR CAP 0.15UF 50V 5% X7R SMD-1210 TR-7-PL SN-NIBAR
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog... Integrated Device Techn...
|
ASW52B |
5.250 GHZ DIELECTRIC ANTENNA 5150 MHz - 5350 MHz ANTENNA-OTHER
|
TOKO, Inc.
|
82553040 |
1210 SMD VARISTOR
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
C1210C473JAGACTU |
SMD Comm C0G, Ceramic, 0.047 uF, 5%, 250 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 1210
|
Kemet Corporation
|
PL00182-WCYG2213 |
Bi-Color SMD LED 1210 Package
|
P-tec Corporation
|
LTST-C155GYKT |
LED GREEN/YELLOW CLEAR 1210 SMD
|
LITE-ON ELECTRONICS INC
|
PL00182-WCRG1817 |
PL00182 Series Bi-Color SMD LED 1210 Package
|
P-tec Corporation
|
M3253506E1Z473JZMB-R M3253506E1Z473JZMB-T |
SMD MIL C0G PRF32535, Ceramic, Military/High Reliability, 0.047 uF, 5%, 25 V, C0G, SMD, Low ESR, MIL-PRF-32535, N/A, 1210
|
Kemet Corporation
|
M3253506E1B103JZMB-R M3253506E1B103JZMB-T |
SMD MIL C0G PRF32535, Ceramic, Military/High Reliability, 0.01 uF, 5%, 100 V, C0G, SMD, Low ESR, MIL-PRF-32535, N/A, 1210
|
Kemet Corporation
|
|