PART |
Description |
Maker |
1N4575 1N4766A 1N4767 1N4768A 1N4576 1N4767A 1N457 |
Low-level temperature-compensated zener reference diode. Max voltage 0.048 V. Low-level temperature-compensated zener reference diode. Max voltage 0.070 V. Low-level temperature-compensated zener reference diode. Max voltage 0.014 V. Low-level temperature-compensated zener reference diode. Max voltage 0.024 V. Low-level temperature-compensated zener reference diode. Max voltage 0.028 V. Low-level temperature-compensated zener reference diode. Max voltage 0.099 V. Low-level temperature-compensated zener reference diode. Max voltage 0.002 V. Low-level temperature-compensated zener reference diode. Max voltage 0.005 V. Low-level temperature-compensated zener reference diode. Max voltage 0.003 V.
|
Motorola
|
DS32KHZ DS32KHZ_WBGA DS32KHZ_DIP DS32KHZ-N DS32KHZ |
32.768kHz Temperature-Compensated Crystal Oscillator 32.768 kHz Temperature-Compensated Crystal Oscillator
|
DALLAS[Dallas Semiconducotr] DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
VTC4-D22E-12M800 VTC4-D23C-12M800 VTC4-D24A-12M800 |
Voltage Controlled Temperature Compensated Crystal Oscillator TCVCXO, CLIPPED SINE OUTPUT, 12.8 MHz Voltage Controlled Temperature Compensated Crystal Oscillator TCXO, CLIPPED SINE OUTPUT, 12.8 MHz Voltage Controlled Temperature Compensated Crystal Oscillator 压控温度补偿晶体振荡
|
Vectron International, Inc.
|
629-75 629-40 629-45 629-6 629-60 629-30 629-35 62 |
±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface Logic IC 5V Programmable, Low-Dropout Voltage Regulator Low-Voltage, 1.8kHz PWM Output Temperature Sensors Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 128°C) Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 1024°C) Cold-Junction-Compensated K-Thermocouple-to-Digital Converter (0°C to 128°C) 逻辑IC PWM Output Temperature Sensors in SC70 Packages
|
Keystone Electronics, Corp.
|
CFPT-5300 |
The CFPT-5300 series of temperature compensated crystal oscillators The CFPT-5300 series of temperature compensated crystal oscillators From old datasheet system
|
SEMTECH[Semtech Corporation]
|
1N4903A 1N4903 1N4905A 1N4901A 1N4907A 1N4907 1N49 |
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES TSPC 5/ 4-ST-7,62 TSPC 5/11-STF-7,62 TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 温补参考稳压二极管 12.8 V, SILICON, VOLTAGE REFERENCE DIODE, DO-35
|
Compensated Deuices Inc... Compensated Devices Incorporated CDI-DIODE[Compensated Deuices Incorporated] Microsemi, Corp.
|
6755 6756 |
TEMPERATURE COMPENSATED
|
Vectron International, Inc
|
DS32KHZN/DIP DS32KHZ/DIP DS32KHZN/WBGA/TR-W DS32KH |
32.768kHz Temperature-Compensated Crystal Oscillator SPECIALTY ANALOG CIRCUIT, DIP14 32.768kHz Temperature-Compensated Crystal Oscillator SPECIALTY ANALOG CIRCUIT, PBGA36
|
Maxim Integrated Products, Inc.
|
MPX2202GP MPX2202ASX MPX2202D MPX2202DP MPX2202AP |
200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(200kPa片内温度补偿和校准硅压力传感 200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors(200kPa???娓╁害琛ュ??????????浼????
|
飞思卡尔半导体(中国)有限公司 椋???″????浣?涓??)??????
|
ECS-500X ECS-500X-144-B |
TEMPERATURE COMPENSATED OSCILLATOR
|
ECS, Inc.
|
CMT-4-0504 |
Temperature Compensated Amplifier
|
TELEDYNE[Teledyne Technologies Incorporated]
|
CPT-18-6037 |
Temperature Compensated Power Amplifier
|
TELEDYNE[Teledyne Technologies Incorporated]
|