PART |
Description |
Maker |
ZXTN08400BFFTA ZXTN08400BFF |
400V, SOT23F, NPN medium power high voltage transistor
|
ZETEX[Zetex Semiconductors]
|
2N3209DCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED/ MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE DUAL HIGH SPEED, MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
MCA104 |
Multi-Chip Array Two NPN and Two PNP High Speed / Medium Power Switching Transistors MULTI-CHIP ARRAY TWO NPN AND TWO PNP HIGH SPEED, MEDIUM POWER SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
Semelab PLC SEME-LAB[Seme LAB]
|
CSA968A CSA968 CSA968B CSA968BO CSA968BY CSA968AY |
25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238AO 25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238AY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238BY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238BO 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238B 25.000W Medium Power PNP Plastic Leaded Transistor. 160V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238 PNP PLASTIC POWER TRANSISTORS Single-Phase Filter; Filter Type:RFI; Current Rating:16A; Voltage Rating:250V; Capacitance:1uF; Inductance:0.6uH; Mounting Type:Flange; Series:FN2060; Terminal Type:Quick Connect RoHS Compliant: Yes
|
Continental Device India Limited
|
FZT1147A FZT1147A-15 FZT1147ATA |
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR PNP Low Sat Transistor
|
Diodes Incorporated Zetex Semiconductors List of Unclassifed Man...
|
BCP69 BCP69-16 BCP69-16_DG BCP69-16_IN BCP69-25 BC |
PNP medium power transistor; 20 V, 1 A - Complement: BCP68 ; fT min: 40 MHz; hFE max: 375 ; hFE min: 85 ; I<sub>C</sub> max: 1000 mA; Polarity: PNP ; Ptot max: 1350 mW; VCEO max: 20 V; Package: SOT223 (SC-73); Container: Tape reel smd 20 V, 1 A PNP medium power transistor
|
NXP Semiconductors
|
2N6211 2N6213 2N6212 |
MEDIUM-POWER HIGH VOLTAGE PNP POWER TRANSISTORS
|
BOCA[Boca Semiconductor Corporation]
|
ZTX788A |
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
GL9411A |
PNP SILICON PLANAR MEDIUM POWER high gain TRANSISTOR
|
E-Tech Electronics LTD GTM CORPORATION
|
ZTX796A |
PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
ZETEX[Zetex Semiconductors]
|