PART |
Description |
Maker |
TS27M4AC TS27M4AI TS27M4AM TS27M4BC TS27M4BI TS27M |
PRECISION LOW POWER CMOS CMOS OP-AMPS PRECISION LOW POWER CMOS QUAD OPERATIONAL AMPLIFIERS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IDT54FCT138ATSO IDT54FCT138ATSOB IDT74FCT138ATSO I |
Enhanced JFET Low-Power Precision Operational Amplifier 8-PDIP 0 to 70 Adjustable Precision Shunt Regulator 5-SOT-23 -40 to 85 快速CMOS 1 - 8解码器,使能 Enhanced JFET Low-Power Precision Operational Amplifier 8-SOIC 0 to 70 快速CMOS 1 - 8解码器,使能 Enhanced JFET Low-Power Precision Operational Amplifier 8-SOIC 0 to 70 FCT SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, CDIP16 FAST CMOS 1-OF-8 DECODER WITH ENABLE 快速CMOS 1 - 8解码器,使能
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
EMEM1001 |
Low Power Precision CMOS
|
EUROQUARTZ limited
|
AD866308 AD8663ACPZ-REEL AD8663ACPZ-REEL7 AD8663AR |
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifier; Package: LFCSP (3x3mm); No of Pins: 8; Temperature Range: Industrial OP-AMP, 175 uV OFFSET-MAX, 0.52 MHz BAND WIDTH, DSO8 Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
EMEM8003 |
Programmable Low Power Precision CMOS Programmable Low Power Precision CMOS
|
EUROQUARTZ limited
|
TS27L4ACPT TS27L4ACDT TS27L4CPT TS27L4AIN TS27L4CD |
Very low power precision CMOS quad operational amplifiers Very low power precision CMOS quad operational amplifiers
|
STMicroelectronics
|
TC1173 TC1173VUA TC1173VOA TC1173-5.0VOA TC1173-5. |
The TC1173 is a precision output (typically ±0.5%) CMOS low dropout regulator. Total supply current is typically 50A at full load (20 to 60 times lower than in bipolar regulators!). TC1173 key features include ultra low noise operati The TC1173 is a precision output (typically ±0.5%) CMOS low dropout regulator. Total supply current is typically 50µA at ... 300mA CMOS LDO with Shutdown ERROR output and Bypass
|
MICROCHIP[Microchip Technology]
|
AD648TQ/883B AD648SQ/883B AD648TH/883B AD648JR-REE |
CAP X7R,0.1UF,50V,10%,0805 DUAL OP-AMP, 3000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP8 Dual Precision, Low Power BiFET Op Amp 双路精密低功耗运算放大器BiFET CONNECTOR ACCESSORY DUAL OP-AMP, 2000 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP8 Dual Precision, Low Power BiFET Op Amp DUAL OP-AMP, 500 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP8 Dual Precision, Low Power BiFET Op Amp DUAL OP-AMP, 3000 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP8 Dual Precision, Low Power BiFET Op Amp DUAL OP-AMP, 3000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO8 Dual Precision/ Low Power BiFET Op Amp
|
Analog Devices, Inc.
|
AD8655 AD8655ARMZ-R2 AD8655ARZ AD8655ARZ-REEL AD86 |
LOW NOISE, PRECISION CMOS AMPLIFIER
|
AD[Analog Devices]
|
AD8656ARMZ |
Low Noise, Precision CMOS Amplifier
|
Analog Devices
|
IC62VV1008LL IC62VV1008L IC62VV1008L-100B IC62VV10 |
70ns; 1.8V; 1M x 8 ultra low power CMOS static RAM 1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM ASYNCHRONOUS STATIC RAM, Low Power A.SRAM 100ns; 1.8V; 1M x 8 ultra low power CMOS static RAM
|
ICSI[Integrated Circuit Solution Inc]
|
DG419LDY DG417L DG417LAK DG417LAK_883 DG417LDQ DG4 |
Precision Monolithic Low-Voltage CMOS Analog Switches
|
VISAY[Vishay Siliconix]
|