PART |
Description |
Maker |
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|
TP1124 TP1126 TP1125 TP1122 TP1123 TP1101 TP1102 T |
(TP1101 - TP1108) Single/Dual and Triple Output DC-DC Converters 25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS CONNECTOR ACCESSORY 连接器附
|
List of Unclassifed Manufacturers Total Power International ETC[ETC] Electronic Theatre Controls, Inc.
|
MAX673009 MAX6732UTD-T MAX6734KAD-T MAX6730 MAX673 |
3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output
|
MAXIM INTEGRATED PRODUCTS INC
|
FDD03-05D FDD03-05D1 FDD03-05D2 FDD03-XXX FDD03-15 |
DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT 直流-直流转换2 - 3W DC - DC CONVERTER 2 - 3W SINGLE & DUAL OUTPUT
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
RP30-483.3SEW RP30-2405SEW RP30-241.5SEW RP30-241. |
30 Watt Single & Dual Output 30瓦单 30 Watt Single & Dual Output
|
RECOM Power Inc. RECOM Electronic GmbH RECOM[Recom International Power]
|
RP15-4815SEW RP15-2405DEW RP15-2405SEW RP15-2412DE |
15 Watt Single & Dual Output 15瓦单 15 Watt Single & Dual Output
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
SA8026 SA8026DH |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5GHz low voltage fractional-N dual frequency synthesizer
|
NXP Semiconductors
|
RP-93.3S RP RP-0505D RP-0505S RP-0509D RP-0509S RP |
CAP Tantalum-Wet Miniature 6V 75.0 uF /-20% Silver can Axial , TPC - Hilton 1瓦特SIP7 SIP7 TV 29C 29#16 SKT WALL RECP 1瓦特SIP7 SIP7 1 Watt SIP7 SIP7 Single & Dual Output 1瓦特SIP7 SIP7 1 Watt SIP7 SIP7 Single & Dual Output
|
RECOM Electronic GmbH http:// RECOM Power Inc. RECOM[Recom International Power]
|
RP40-1212SG RP40-121.8SG RP40-122.5SG RP40-121.5SG |
40 Watt Single, Dual, Positive Dual & Triple Output 40瓦单,双,正 D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Wire Size (AWG):26 RoHS Compliant: No D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Mounting Type:Jackscrew; Wire Size (AWG):26 40 Watt Single, Dual, Positive Dual & Triple Output 40 Watt Single Dual Positive Dual & Triple Output DC/DC-Converter
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP20-483.3SE RP20 RP20-120512TE RP20-120515TE RP20 |
OSC 5V 8PIN CMOS 20瓦单,双 20 Watt Single, Dual & Triple Output 20瓦单,双 D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Float Mount; Peak Reflow Compatible (260 C):No RoHS Compliant: No 20 Watt Single, Dual & Triple Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
RJ-3.31.8DHP RJ-3.33.3SHP RJ-0505D RJ-0505DH RJ-05 |
1 Watt DIP14 Single & Dual Output 1 Watt DIP14 Single & Dual Output 1瓦特DIP14
|
RECOM Power Inc. RECOM[Recom International Power] RECOM Electronic GmbH
|