PART |
Description |
Maker |
MCP1624-I_CH MCP1623T-I_CH MCP1624T-I_CH MCP1624T- |
Low-Voltage Input Boost Regulator for PIC? Microcontrollers Low-Voltage Input Boost Regulator for PIC庐 Microcontrollers Low-Voltage Input Boost Regulator for PIC垄莽 Microcontrollers
|
Microchip Technology
|
SP4446_06 SP4446 SP4446EK SP4446EK_TR SP444606 |
High Output Voltage Boost Regulator LCD Bias Regulator
|
SIPEX[Sipex Corporation]
|
SP6641BEK-33TR SP6641BEK-5.0_TR SP6641BEK-50TR SP6 |
500mA Alkaline DC/DC Boost Regulator in SOT-23 碱00mA的DC / DC升压稳压器采用SOT - 23 Circular Connector; No. of Contacts:6; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:9; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:9-35 RoHS Compliant: No 500mA Alkaline DC/DC Boost Regulator in SOT-23
|
Advanced Interconnections, Corp. SIPEX[Sipex Corporation]
|
SP6648ER/TR SP6648EU/TR |
Ultra-low Quiescent Current / High Efficiency Boost Regulator Ultra-low Quiescent Current, High Efficiency Boost Regulator CANCA3100R32A10SBF80F0-05 超低静态电流,高效率升压稳压器
|
Sipex Corporation Panasonic, Corp.
|
MIC2297 MIC2297-15YML MIC2297-42YML |
40V PWM Boost Regulator White LED Driver 3 A SWITCHING REGULATOR, 675 kHz SWITCHING FREQ-MAX, PDSO10 From old datasheet system
|
Micrel Semiconductor, Inc. MICREL[Micrel Semiconductor]
|
GM3255S8T GM3255 GM3255NS8R GM3255NS8T GM3255S8R |
1.5A 280kHz DC-DC CONVERTOR BOOST REGULATOR
|
GAMMA[Gamma Microelectronics Inc.]
|
FAN5331 FAN5331SX |
Adjustable, 1.6MHz Boost Regulator with 25V Integrated FET Switch 1.6MHz Boost Converter with 20V Integrated FET Switch
|
FAIRCHILD[Fairchild Semiconductor]
|
MIC2253 |
3.5A 1MHz High Efficiency Boost Regulator
|
MICREL
|
MIC2296 |
High Power Density 1.2A Boost Regulator
|
Micrel Semiconductor
|
SP6641AEK-3.3/TR SP6641AEK-5.0/TR SP6641BEK-L-5-0- |
500mA Alkaline DC/DC Boost Regulator in SOT-23
|
Exar Corporation
|