PART |
Description |
Maker |
MICROFOX-F-ESD |
Ergonomically designed two-component handles for fatigue-proof and non-slip use
|
PHOENIX CONTACT
|
CRIMPFOX-25R |
Ergonomically designed handles ensure an optimum grip and reduce the amount of force required by 25%
|
PHOENIX CONTACT
|
UNIFOX-RVT-M |
Compact, ergonomically shaped pliers
|
PHOENIX CONTACT
|
SF-THEX-8-200 |
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 8 x 200 mm, ergonomically shaped handle, matt chrome-plated
|
PHOENIX CONTACT
|
SF-THEX-5-150 |
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 5 x 150 mm, ergonomically shaped handle, matt chrome-plated
|
PHOENIX CONTACT
|
SF-THEX-4-150 |
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 4 x 150 mm, ergonomically shaped handle, matt chrome-plated
|
PHOENIX CONTACT
|
TC1037 TC1037CECT TC1039 TC1038 TC1039CECH TC1038C |
The TC1037/1038/1039 are single, low-power comparators designed for low-power applications. These comparators are specifically designed for operation from a single supply. However, operation from dual supplies also is possible, and power s Linear Building Block . Single Comparator in SOT Packages
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
PE-53112NL PE-53113NL PE-52626 |
Inductors Designed for National’s 50 kHz Simple Switcher Inductors Designed for Nationals 50 kHz Simple Switcher
|
Pulse A Technitrol Company
|
216400P 216.630P 216.400P 216.800P 216.160P 216.31 |
5 x 20 mm Fast-Acting Fuse Designed to International Standards for use globally Designed to International Standards for use globally
|
Littelfuse
|
P1602ABLXX P0602ABLXX P3002AALXX P3002ABLXX P3002A |
The SIDACtor庐 Series Modified TO-220 are designed to protect baseband The SIDACtor? Series Modified TO-220 are designed to protect baseband
|
Littelfuse
|
1240P500R00JKB 1240W500R00JKB 1240X500R00JKB 1240W |
Bulk Metal? Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal庐 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal垄莽 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal㈢ Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to
|
Vishay Siliconix
|