PART |
Description |
Maker |
CRIMPFOX-25R |
Ergonomically designed handles ensure an optimum grip and reduce the amount of force required by 25%
|
PHOENIX CONTACT
|
CRIMPFOX-50R |
Ergonomically designed handles ensure an optimum grip and reduce the amount of force required by 25%
|
PHOENIX CONTACT
|
REC-14LH REC-16LH |
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element, Unsealed, Designed for High Pressure Chamber of Cylinders, High Accuracy, Very Good Repeatability
|
Vishay
|
MBS1230-22 MBS1205 MBS1205-22 MBS1210-22 MBS1215-2 |
Equipment Designed to Meet EMI Regulations Such As VCCI /CISPR /FCC /VDE /etc Equipment Designed to Meet EMI Regulations Such As VCCICISPRFCCVDEetc Equipment Designed to Meet EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc
|
LAMBDA[DENSEI-LAMBDA]
|
KIC9321F-005 |
CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系统FM/MW/LW波段调谐的CMOS大规模集成电 CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系FM/MW/LW波段调谐的CMOS大规模集成电 的CMOS大规模集成电路设计调中波/龙运的锁相环频率合成系统的无线电(用于锁相环频率合成系统调频/中波/龙运波段调谐的的CMOS大规模集成电路)
|
KEC Holdings
|
1240P500R00JKB 1240W500R00JKB 1240X500R00JKB 1240W |
Bulk Metal? Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal庐 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal垄莽 Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to Bulk Metal㈢ Foil Technology Precision Trimming Potentiometers, 1/4 Inch Square, RJ26 Style, Designed to
|
Vishay Siliconix
|
P0080SAMCLRP P0300SAMCLRP P2100SCMCLRP P0300SCMCLR |
MC Series DO-214 are low capacitance SIDACtor庐 devices designed to protect MC Series DO-214 are low capacitance SIDACtor? devices designed to protect
|
Littelfuse
|
PE-53816SNLT PE-53826SNL PE-53826SNLT PE-53806SNL |
1 ELEMENT, 17 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 377 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? Toroid - Designed for Nationals 150kHz Simple Switcher THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 Toroid - Designed for National’s 150kHz Simple Switcher? Toroid - Designed for Nationals 150kHz Simple Switcher
|
Pulse Electronics, Corp. Pulse A Technitrol Company Pulse A Technitrol Comp...
|
STC2G15 STC2G15R |
BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALIUM OUTPUT CAPACITOR BCMOS VOLTAGE REGULATOR DESIGNED FOR USE WITH VERY LOW ESR AND TANTALUM OUTPUT CAPACITOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
235.700 0235.200H-ND H235.125 235.125H H235001 023 |
Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards 轴向引线和熔断管-设计符合UL / CSA标准 Axial Lead and Cartridge Fuses - Designed to UL/CSA Standards
|
Littelfuse, Inc.
|
MZS1220-33 MZS1206 MZS1206-33 MZS1210-33 MZS1215-3 |
Equipment Designed to Conform EMI Regulations Such As VCCI /CISPR /FCC /VDE /etc Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc 设备设计符合EMI规范,如VCCI,CISPR,催化裂化,德国VDE
|
M.G. Chemicals LAMBDA[DENSEI-LAMBDA] http://
|