PART |
Description |
Maker |
MICROFOX-F-ESD |
Ergonomically designed two-component handles for fatigue-proof and non-slip use
|
PHOENIX CONTACT
|
MICROFOX-R-DB |
Ergonomically designed two-component handles for fatigue-proof and non-slip use
|
PHOENIX CONTACT
|
CRIMPFOX-25R |
Ergonomically designed handles ensure an optimum grip and reduce the amount of force required by 25%
|
PHOENIX CONTACT
|
SF-THEX-8-200 |
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 8 x 200 mm, ergonomically shaped handle, matt chrome-plated
|
PHOENIX CONTACT
|
SF-THEX-3-100 |
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 3 x 100 mm, ergonomically shaped handle, matt chrome-plated
|
PHOENIX CONTACT
|
IR1150 IR1150PBF IR1150ISTRPBF |
One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Consumer market One Cycle Control PFC IC designed to operate in continuous conduction mode (CCM), designed and qualified for the Industrial market.
|
International Rectifier
|
KIC9321F-005 |
CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系统FM/MW/LW波段调谐的CMOS大规模集成电 CMOS LSI Designed For FM/MW/LW Radio of PLL Frequency Synthesizer System(用于锁相环频率合成系FM/MW/LW波段调谐的CMOS大规模集成电 的CMOS大规模集成电路设计调中波/龙运的锁相环频率合成系统的无线电(用于锁相环频率合成系统调频/中波/龙运波段调谐的的CMOS大规模集成电路)
|
KEC Holdings
|
.16.160 21606.3 21601.6 216.200 216004 |
MINI STEREO HEAD PHONE EXTENSION CORD 10FT 轴向引线和墨盒保险丝- IEC标准设计 Axial Lead and Cartridge Fuses - Designed to IEC Standard 轴向引线和墨盒保险丝- IEC标准设计 Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:8-2 Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc.
|
P0080SAMCLRP P0300SAMCLRP P2100SCMCLRP P0300SCMCLR |
MC Series DO-214 are low capacitance SIDACtor庐 devices designed to protect MC Series DO-214 are low capacitance SIDACtor? devices designed to protect
|
Littelfuse
|
AT75C140 |
AT75C140 Advance Information [Updated . 18 Pages] This Smart Internet Appliance Processor is a high-performance processor specially designed Smart Internet Appliance Processor (SIAP-TM) This Smart Internet Appliance Processor is a high-performance processor specially designed for network-enabling consumer and industrial applications. The specific architecture of this device delivers unmatched performance for low power con
|
ATMEL[ATMEL Corporation]
|
PE-53816SNLT PE-53826SNL PE-53826SNLT PE-53806SNL |
1 ELEMENT, 17 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 377 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? Toroid - Designed for Nationals 150kHz Simple Switcher THT/SMT POWER INDUCTORS Toroid - Designed for National’s 150kHz Simple Switcher? Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0 Toroid - Designed for National’s 150kHz Simple Switcher? Toroid - Designed for Nationals 150kHz Simple Switcher
|
Pulse Electronics, Corp. Pulse A Technitrol Company Pulse A Technitrol Comp...
|
2SD1384 2SD1930 2SB1505 2SD2004 2SD1809 2SA1619 2S |
1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE From old datasheet system 1.2W PACKAGE POWER TAPED TRANSISTOR DESIGNED FOR USE WITH AN AUTOMATIC PLACEMENT MECHINE .2W封装形式的录音晶体管设计为与安使用自动配置MECHINE 2SD1929
|
ROHM[Rohm] ETC Nais(Matsushita Electric Works) Rohm CO.,LTD. Rohm Co., Ltd.
|