PART |
Description |
Maker |
PUMB1 PEMB1 |
PNP-PNP resistor-equipped transistors; R1 = 22 kOhm, R2 = 22 kOhm PNP-PNP配电阻型晶体管,R1=22千欧姆,R2=22千欧 PNP/PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = 22 kΩ PNP/PNP resistor-equipped transistors; R1 = 22 k楼?, R2 = 22 k楼?
|
NXP Semiconductors N.V.
|
MJW0281A MJW0281A05 MJW0302A MJW0281ADATASHEET MJW |
Complementary NPN?PNP Power Bipolar Transistors ; Package: SOIC NARROW; No of Pins: 14; Qty per Container: 55/Rail 15 A, 260 V, PNP, Si, POWER TRANSISTOR, TO-247AD Complementary NPN-PNP Power Bipolar Transistors Complementary Power Transistors
|
ON Semiconductor http://
|
BD138 BD138-10 BD138-16 BD140 BD140-10 BD140-16 BD |
PNP power transistors PNP power transistors 1.5 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-126 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:Green; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes PNP power transistor(PNP????朵?绠?
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA123JEF PDTA123JE115 PDTA123JM PDTA123JK PDTA12 |
PNP resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm
|
NXP Semiconductors N.V.
|
PDTA115ES PDTA115E PDTC115EU PDTA115EE PDTA115EEF |
PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT416 (SC-75); Container: Tape reel smd PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW 20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system PDTA115E series; PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm PNP resistor-equipped transistors; R1 = 100 kOhm, R2 = 100 kOhm; Package: SOT883 (SC-101); Container: Tape reel smd
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
PMP5201G PMP5201V PMP5201Y PMP5201Y115 PMP5201Y135 |
PNP/PNP matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
DSS60600MZ4 DSS60600MZ4-13 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 55V to 100V 6 A, 60 V, PNP, Si, POWER TRANSISTOR GREEN, PLASTIC PACKAGE-4 LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
DMJT9435-13 DMJT9435 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-4 LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
MPS6507_D MPS750 ON2326 MPS650 MPS751 MPS651 |
(MPS650) Amplifier Transistors (MPS750) Amplifier Transistors From old datasheet system Voltage and current are negative for PNP transistors
|
Motorola, Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|