PART |
Description |
Maker |
IRFH4209D |
25V Single N-Channel HEXFET Power MOSFET in a PQFN 5 x 6 B package
|
International Rectifier
|
E142-SERIES M342-SERIES T242-SERIES X242-SERIES E2 |
Transient Voltage Suppressor Diodes 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3910 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7862PBF with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2203NS with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB260N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF9410 with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR4343 with Standard Packaging Peripheral IC 外围芯片
|
Bourns, Inc. Hoffman TOKO, Inc.
|
PSX96B-133MQ160 PSX160-80PQ240 PSX160-66PQ240 PSX1 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; Similar to IRLIB9343 with Lead Free Packaging User Programmable Special Function ASIC -150V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF6217 with Standard Packaging -30V P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7416QPBF with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7425 with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7425 with Lead-Free Packaging. -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5305 with Lead Free Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a 4-Lead FlipFET package; A IRF6100 with Standard Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7207 with Lead Free Packaging 用户可编程ASIC的特殊功 -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF4905S with Standard Packaging 用户可编程ASIC的特殊功
|
ITT, Corp. Ironwood Electronics
|
IRF7105 IRF7105TR |
25V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package HEXFET POWER MOSFET
|
International Rectifier
|
IRLZ24NL IRLZ24NSTRR IRLZ24NSTRL |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET功率MOSFET(马鞍山的HEXFET功率场效应管
|
International Rectifier Fairchild Semiconductor, Corp.
|
IRFIB41N15D IRFSL41N15D IRFB41N15D IRFS41N15D IRFI |
150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 150V Single N-Channel HEXFET Power MOSFET in a TO-220 Full-Pak(Iso)
|
IRF[International Rectifier]
|
IRLBA1304P IRLBA1304 |
HEXFET? Power MOSFET 40V Single N-Channel HEXFET Power MOSFET in a Super 220 (TO-273AA) package HEXFET Power MOSFET(HEXFET 功率MOS场效应管)
|
International Rectifier
|
IRFR120N IRFU120N IRFR IRFR120NTR IRFR120NTRL IRFR |
Power MOSFET(Vdss=100V, Rds(on)=0.21ohm, Id=9.4A) (IRFR120N / IRFU120N) HEXFET Power MOSFET HEXFET® Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package 9.1 A, 100 V, 0.21 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
IRF[International Rectifier]
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF2907Z IRF2907ZL IRF2907ZS IRF2907S IRF2B907Z IR |
AUTOMOTIVE MOSFET 汽车MOSFET 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF7601 IRF7601TR |
20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package Power MOSFET(Vdss=20V, Rds(on)=0.035ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.035ohm) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) N沟道HEXFET功率MOSFET的(不适用沟道的HEXFET功率马鞍山场效应管) N-Channel HEXFET Power MOSFET(N娌?? HEXFET ???MOS?烘?搴??)
|
International Rectifier, Corp.
|
IRFHE4250D IRFHE4250DTRPBF |
25V Dual N-Channel FastIRFET HEXFET Power MOSFET in a PQFN 6mm x 6mm Lead Free package
|
International Rectifier
|