PART |
Description |
Maker |
EFM32LG895 EFM32LG895F128G-E-BGA120 EFM32LG895F64G |
Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
EFM32LG995 EFM32LG995F128G-E-BGA120 EFM32LG995F64G |
Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
EFM32HG309F32G-A-QFN24 |
Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
EFM32TG825F32-BGA48 |
Output state retention and wake-up from Shutoff Mode
|
Silicon Laboratories
|
U74AHC1G126G-AL5-R U74AHC1G126L-AL5-R |
The U74AHC1G126 is a single bus buffer gate/line driver with 3-state output. When OE is low, the Y output are in a high-impedance state.
|
Unisonic Technologies
|
NC7SZ125M5 NC7SZ125M5X NC7SZ125P5X NC7SZ125 NC7SZ1 |
TinyLogic UHS Buffer with 3-STATE Output LVC/LCX/Z SERIES, 1-BIT DRIVER, TRUE OUTPUT, PDSO5 TinyLogic UHS Buffer with 3-STATE Output TinyLogic UHS Buffer with 3-STATE Output
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CMRA4835 CMRD4855 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Contacts:SPST-NO; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:32VDC; Control Voltage Min:4VDC; Load Current Max:55A; Switching:Zero Cross RoHS Compliant: Yes
|
Crydom, Inc. CRYDOM CORP
|
BWR12/830D12 BWR12/830D48 BWR9/850D5 BWR12/625D5 |
Rad-hard 8-channel multiplexer (3-state) Rad-hard dual 4 channel multiplexer 3 state output Rad-hard octal D-type latch with 3 state output non inverting Rad-hard octal bus transceiver with 3 state outputs (non inverted) 模拟IC
|
STMicroelectronics N.V.
|
AQV414EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
AQV210EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
TC7WT126FU E005288 |
INVERTED/ 3-STATE OUTPUT INVERTED, 3-STATE OUTPUT From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|