PART |
Description |
Maker |
CCP-33DX0-DM CCP-33DX0-DMS CCP-33DX0-DS CCP-33DX0- |
Failsafe SPDT Coaxial Switch Commercial Failsafe SPDT, DC-3GHz, Low PIM
|
Teledyne Technologies I... Willow Technologies Ltd
|
R570.613.000 |
RF COAXIAL RELAY, SPDT, FAILSAFE, 0.14A (COIL), 28VDC (COIL), 3920mW (COIL), 12400MHz, PANEL MOUNT
|
RADIALL S A
|
R577.F22.100 |
RF COAXIAL RELAY, SPDT-TRANSFER, FAILSAFE, 0.34A (COIL), 12VDC (COIL), 4080mW (COIL), 26500MHz, 40W (RF INPUT), PANEL MOUNT
|
RADIALL S A
|
SM-2MIN-H-L-65 SM-2MININ-H-I-L-TL-50 SR-2MIN-H-I-5 |
RF COAXIAL RELAY, SPDT, LATCHED, 0.12A (COIL), 12VDC (COIL), 1440mW (COIL), 65000MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, LATCHED, 0.12A (COIL), 12VDC (COIL), 1440mW (COIL), 50000MHz, PANEL MOUNT RF COAXIAL RELAY, SPDT, FAILSAFE, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 50000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
PE7116 |
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 8GHz TO 12GHz SWITCH TYPE:SPDT
|
Pasternack Enterprises, Inc...
|
PE7114 |
SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 2GHz TO 4 GHz SWITCH TYPE:SPDT
|
Pasternack Enterprises, Inc...
|
AWS5522 AWS5522S26 AWS5522D1 |
0.5 to 2.5 GHz SPDT Switch 0.5.5 GHz SPDT开 0.5 to 2.5 GHz SPDT Switch 500 MHz - 2500 MHz RF/MICROWAVE SGL POLE DOUBLE THROW SWITCH, 0.8 dB INSERTION LOSS Switches The AWS5522 is a single pole, double throw (SPDT) RF switch developed to meet the stringent requirements of GSM and CDMA systems, ...
|
ANADIGICS, Inc. ANADIGICS[ANADIGICS, Inc] Anadigics Inc
|
SW-106PIN SW-276PIN SW-106SW-276 |
High Power GaAs SPDT Switch DC - 3 GHz SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 3 A, Pin Plunger Actuator, Solder Termination High Power GaAs SPDT Switch DC3 GHz Schottky Barrier Diodes
|
Tyco Electronics
|
SM-2-B-D-TL |
RF COAXIAL RELAY, SP6T, FAILSAFE, 0.19A (COIL), 28VDC (COIL), 5320mW (COIL), 1000MHz, PANEL MOUNT
|
RLC ELECTRONICS INC
|
AWS5518 AWS5518S14 |
The AWS5518 is a Single Pole Double Throw (SPDT) GaAs MMIC switch assembled in a SOT-26 plastic package. Switches GaAs IC SPDT Reflective Switch DC-2.0 GHz
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
E62-10A |
SWITCH SNAP SPDT 10A SS TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT
|
ZF Electronics, Corp.
|
75S-243 |
1P16T FAILSAFE SELF TERMINATING ELECTROMECHANICAL RF SWITCH
|
JFW Industries, Inc.
|
|