PART |
Description |
Maker |
BT137F-600 BT137F BT137F-800G BT137F-500 BT137F-50 |
1-of-8 Decoder 16-CDIP -55 to 125 DIODE DUAL SW 75V 350MW SOT-23 DIODE SWITCH 85V 150MW SOT-523 DIODE SWITCHING DUAL COMMON-ANODE 75V 215mA-Io 150mW 3000ns-trr SOT-523 3K/REEL DIODE SWITCHING DUAL SERIES 75V 150mA-Io 200mW 4ns-trr SOT-323 3K/REEL DIO SM DUAL SER BAV99W SOT323 Transient Voltage Suppressor Diodes Triacs 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC DIODE SWITCHING DUAL-DUAL COMMON-CATHODE/ANODE 75V 150mA-Io 200mW 4ns-trr SOT-363 3K/REEL 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC SMD DIODE BAW56 70V 600 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
1N74 1N60D 1N68A 1N96A 1N72 1N73 1N93 1N63 1N61 1N |
Diode Switching 100V 10A 2-Pin Diode Switching 50V 3A 2-Pin Case A GOLD BOUNDED GERMANUM DIODE Diode Small Signal Switching 75V 0.3A Automotive 2-Pin DO-35 T/R Diode Switching 125V 0.0003A 2-Pin DO-35 Diode Switching 50V 0.005A 2-Pin Case H GOLD BONDED GERMANIUM DIODES
|
New Jersey Semiconductor
|
CMLD4448DO |
SMD Switching Diode Dual: Opposing Polarity DUAL, ISOLATED, OPPOSING HIGH SPEED SILICON SWITCHING DIODES From old datasheet system
|
CENTRAL[Central Semiconductor Corp]
|
CMKD7000 |
SMD Switching Diode Dual Pair: In Series SURFACE MOUNT ULTRAmini DUAL PAIR OF SERIES CONFIGURED ULTRA-HIGH SPEED SILICON SWITCHING DIODES
|
Central Semiconductor C...
|
BAW56W08 BAW56W-7-F |
DUAL SURFACE MOUNT SWITCHING DIODE 0.15 A, 75 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Diodes Incorporated Diodes, Inc.
|
MMBD6100LT1-D MMBD6100LT3 |
Monolithic Dual Switching Diode Small Signal DL Diode
|
ON Semiconductor
|
BAV99LT3G BAV99LT1G BAV99LT1 BAV99L BAV99LT3 |
Small Signal Diode Monolithic Dual Switching Diode
|
ONSEMI[ON Semiconductor]
|
MMBD6100LT3G MMBD6100LT1G |
Monolithic Dual Switching Diode 0.2 A, 2 ELEMENT, SILICON, SIGNAL DIODE, TO-236AB Monolithic Dual Switching Diode 0.2 A, 70 V, 2 ELEMENT, SILICON, SIGNAL DIODE, TO-236AB
|
ON Semiconductor
|
LT3692EUHPBF LT3692EUHTRPBF |
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator 5.8 A DUAL SWITCHING CONTROLLER, 2750 kHz SWITCHING FREQ-MAX, PQCC32
|
LINEAR TECHNOLOGY CORP
|
BAV70WT1-D |
Dual Switching Diode
|
ON Semiconductor
|
SBAS16DXV6T1G |
Dual Switching Diode
|
ON Semiconductor
|