PART |
Description |
Maker |
A3EA-50D-2R A3E-44D-2R A3E-44PA-2DSA A3E-50D-2R A3 |
2mm Pitch Miniature Connector for HDD 2毫米间距连接器,微型硬盘
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
MA18M-44DA-2DSB MA18A-32DA-2DSA MA18A-32DA-2DSB MA |
TERM. F/O CABLE SC-SC/ DPLX/RISER/10M/GREEN MA18 series is a 2mm pitch FFC socket connector developed for miniature HDD and main port connection
|
Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
G53CS-DC9K G53AD-DC110 G53AD-DC110K G53AD-DC12 G53 |
CONN 52POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET STR PC SMD BAG, SHIELDED, 75X125MM, PK100; Length / Height, external:125mm; Pack Quantity:100; Resistivity, surface inner:1000000Mohm/sq; Resistivity, surface outer:10000ohm/sq; Standard:MIL-PRF-81705 Type III, EIA 541, EIA 625, MILHDBK-263, RoHS Compliant: Yes CONN RCPT 30-POS 15X2 2MM ST CONN 34POS 2MM SOCKET R/A PC MT CONN 36POS 2MM SOCKET R/A PC MT 60=30X2 2MM FEM SOCKET PC-MNT CONN CONN 34POS 2MM SOCKET STR PC SMD CONN 32POS 2MM SOCKET VERT PC MT CONN 40POS 2MM SOCKET STR PC SMD RECTIFIER SBR DUAL 10A 100V 120A-ifsm 800mV-vf 0.2mA-ir ITO-220AB 50/TUBE CONN 4POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR SMD 迷你型,重型接触载荷高达4000VA Pin Header; No. of Contacts:8; No. of Rows:2; Gender:Male; Contact Plating:Gold; Contact Termination:Right Angle Through Hole; Current Rating:1.5A; Leaded Process Compatible:Yes; Mounting Type:Through Hole RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN, 2P, 3A, HDR, STRT, 2MM, GOLD 迷你型,重型接触载荷高达4000VA HEADER 8POS 2ROW 2MM SMT MALE 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:50; Pitch Spacing:0.079"; No. of Rows:2; Mounting Type:PCB Straight Thru Hole; Gender:Female; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:60; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN SKT BDM2MM 25 POS DLST028 迷你型,重型接触载荷高达4000VA Miniature Type, Heavy contact load up to 4000VA 迷你型,重型接触载荷高达4000VA CONN 50POS 2MM SOCKET R/A PC MT 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET STR PC SMD 迷你型,重型接触载荷高达4000VA Wire-To-Board Connector; No. of Contacts:44; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 迷你型,重型接触载荷高达4000VA CONN 8POS 2MM HEADER DL STR T/H 迷你型,重型接触载荷高达4000VA CONN 60POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA CONN 34POS 2MM SOCKET VERT PC MT 迷你型,重型接触载荷高达4000VA
|
Global Components & Controls List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
DF4-2P-2C DF4-2P-2C1 DF4-8P-2C DF4-10DP-2C DF4-20D |
2mm Pitch Connector Directly Mounted on Board
|
Hirose Electric
|
DHS887200H-UP DHS887300H-UP |
2mm Pitch, Multi Functional Connector System
|
Hirose Electric
|
DF13-3P-1.25V50 |
1.25mm Pitch Miniature Crimping Connector
|
Hirose Electric
|
15-24-7247 15-24-7103 15-24-7161 15-24-7183 15-24- |
MiniFit BMI Rec Hdr AssyV-0 24Ckt PhB Au 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header; No. of Contacts:10; Pitch Spacing:4.2mm; No. of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Tin V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,18 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE A-42385-18D2 V-0 18Ckt 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Au V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 14 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Mini-Fit BMI Rec Hdr Assy V-0 24Ckt 15247242 Multipole Connector; Number of Contacts:6; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:42385; Body Material:PA Polyamide (Nylon) 6/6; Color:Natural, White; Connecting Termination:Thru-Hole; Contact Material:Brass
|
Molex, Inc. MOLEX INC
|
87089-0616 |
Header; No. of Contacts:6; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
39-01-2221 39-01-2061 39-01-2021 39-01-2026 |
Header; Number of Contacts:22; Pitch Spacing:0.165"; Number of Rows:2; Gender:Female; Series:Mini-Fit Jr. 5557; Body Material:Nylon 6/6 22 CONTACT(S), MALE, POWER CONNECTOR, PLUG Panel mount plug, 6 contact, function accepts pin contact, 151 series 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG Connector Housing; Gender:Male; Number of Contacts:2; Series:5559; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; Number of Rows:2; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm Connector Housing; Gender:Male; No. of Contacts:2; Series:5559; Body Material:PA Polyamide (Nylon); Connecting Termination:Crimp; Mounting Type:Header; No. of Rows:2; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
SQT-109-01-L-S SQT-150-01-L-D SQT-105-03-L-D SQT-1 |
2MM SOCKET STRIPS 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT 2MM 100POS DL VERT PCB 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2MM SOCKET STRIPS 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2MM SOCKET STRIPS 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2MM SOCKET STRIPS 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2MM SOCKET STRIPS 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
5788-0 5788-2 |
Insulated Miniature Alligator Test Clip With 2MM Banana Jack
|
Pomona Electronics
|
|