PART |
Description |
Maker |
0314081202 |
USCAR 2.54mm
|
Molex Electronics Ltd.
|
0314081081 31408-1081 |
USCAR 2.54mm (.100? Pitch Receptacle, 8 Circuits, Polarization B, Gray
|
Molex Electronics Ltd.
|
0945529008 SD-94552-001 94552-9008 |
Housing B USCAR, Receptacle for Mox Terminal 0.64 mm, 8 Circuits
|
Molex Electronics Ltd.
|
F12-0854 F12-0851 |
MINI LATCH HOUSING DR POL 2.54mm x 2.54mm
|
FCI connector
|
0942460112 94246-0112 SD-94246-002 |
2.54mm (.100) Pitch, MOX Header, 2.54mm (.100) Grid, Through Hole, PCT, Vertical, 12 Circuit, Blue
|
Molex Electronics Ltd.
|
B15250BD1 B15150BS1 B15150BD1 B15250BB1 |
FEMALE HEADER (1.27mmX2.54mm) PROFILE : 4.6mm STRAIGHT 母(1.27mmX2.54mm)简介:四点六毫米直
|
DB Lectro, Inc.
|
70246-3402 70246-2602 70246-2002 70246-0802 70246- |
2.54mm CGrid Hdr Shrd /Slt .76AuLF 34Ckt 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 26PIN(2X13) 2.54MM T/H 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 20Ckt RoHS Compliant: Yes 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 30Ckt 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd W/Slt 0.5AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:16; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CON/ 34MP HRS SO T S00 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .38AuLF 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm 26ckt Hdr Shrd /Slt .38AuLF void1 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .13AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. SIEMENS AG
|
A-7720-WC02F501B 0022456026 22-45-6026 |
2.54mm (.100") KK庐 2.54mm (.100) KK?
|
Molex Electronics Ltd.
|
0901481108 90148-1108 |
2.54mm (.100) Pitch C-Grid? PC Board Connector, Single Row, Right Angle, 1.0μm (40μ) Tin (Sn), 8 Circuits 2.54mm (.100) Pitch C-Grid庐 PC Board Connector, Single Row, Right Angle, 1.0渭m (40渭) Tin (Sn), 8 Circuits 2.54mm (.100) Pitch C-Grid垄莽 PC Board Connector, Single Row, Right Angle, 1.0楼矛m (40楼矛) Tin (Sn), 8 Circuits
|
Molex Electronics Ltd.
|
SD-70287-004 0702871009 |
2.54mm (.100") Pitch C-Grid庐 Header 2.54mm (.100) Pitch C-Grid? Header
|
Molex Electronics Ltd.
|
70287-1001 0702871001 SD-70287-004 |
2.54mm (.100") Pitch C-Grid庐 Header 2.54mm (.100) Pitch C-Grid? Header
|
Molex Electronics Ltd.
|
|