PART |
Description |
Maker |
TGAP-620 |
Industrial EN50155 IEEE 802.11 a/b/g/n wireless access point
|
ORing Industrial Networ...
|
TGAR-1662-4G-M12 TGAR-1662-4G-M12-EU |
Industrial EN50155 Dual IEEE 802.11 a/b/g/n 4G LTE Cellular Router
|
ORing Industrial Networ...
|
CC2420 CC2420DK CC2420DBK CC2420/TR |
LC2MOS 5 O RON SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 2.4 GHz IEEE 802.15.4标准/ ZigBee功能的RF收发 2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver 2.4 GHz IEEE 802.15.4标准/ ZigBee功能RF收发
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
IGAP-420 |
Industrial IEEE 802.11 b/g/n wireless access point
|
ORing Industrial Networ...
|
IAP-420 |
Industrial IEEE 802.11 b/g/n wireless access point
|
ORing Industrial Networ...
|
IAP-W520 |
Industrial outdoor IEEE 802.11 a/n wireless access point
|
ORing Industrial Networ...
|
BCM43353 BCM43353LIUBGT |
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 for Automotive and Industrial Applications
|
Cypress Semiconductor
|
AT76C511 |
AT76C511 is a highly integrated WLAN Bridge-on-a-Chip based on two ARM7TDMI?RISC processors, two 10/100 Ethernet MACs, 32-bit DMA Channels, SRAM and Cache for program/data, UART, 3.3V operation, 208 pin LQFP package. Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B) Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
|
ATMEL[ATMEL Corporation]
|
EKI-6340 |
IEEE 802.11 a/b/g/n Outdoor Wi-Fi Mesh AP
|
Advantech Co., Ltd.
|
MRF24J40 MRF24J40-I/ML MRF24J40T-I/ML MRF24J4008 |
IEEE 802.15.4 2.4 GHz RF Transceiver IEEE 802.15.4?/a> 2.4 GHz RF Transceiver
|
Microchip Technology
|