PART |
Description |
Maker |
NAND01G-A NAND01GW3A NAND01GW3A0AN6 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMicroelectronics
|
S29GL256N |
512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
|
Cypress Semiconductor
|
CY7C1354CV25-166AXC CY7C1356CV25-166AXC CY7C1354CV |
9-Mbit (256 K 36/512 K 18) Pipelined SRAM with NoBLArchitecture 9-Mbit (256 K × 36/512 K × 18) Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor
|
S29PL256N65FAWW02 S29PL129N65FAWW00 S29PL256N65FAW |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
|
SPANSION[SPANSION]
|
M58PV001LE96ZB5 M58PR001LE M58PR001LE96ZB5 M58PR25 |
256-Mbit, 512-Mbit or 1-Gbit (× 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
|
STMicroelectronics
|
IDT72V3642L10PF IDT72V3642L10PQF IDT72V3632 IDT72V |
TV 100C 100#22D SKT PLUG 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 3.3伏的CMOS SyncBiFIFO 256 × 36 × 2 512 × 36 × 2 1024 × 36 × 2 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 256 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP120 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 256 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP132
|
Integrated Device Technology, Inc.
|
CY14B104NA-BA25IT |
4-Mbit (512 K x 8/256 K x 16) nvSRAM
|
Cypress Semiconductor
|
CY14V104LA |
4-Mbit (512 K x 8 / 256 K x 16) nvSRAM
|
Cypress Semiconductor
|
ZL50110GAG ZL50110GAG2 ZL50114GAG2 ZL50111GAG ZL50 |
128, 256, 512 and 1024 Channel CESoP Processors
|
Zarlink Semiconductor Inc
|
CY7C0832BV-133AI CY7C0833V-100BBI CY7C0831AV-133AX |
FLEx18 3.3 V 128 K / 256 K / 512 K × 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor
|
M39P0R9070E0ZADF M39P0R9070E0 M39P0R9070E0ZAD M39P |
512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
|
STMICROELECTRONICS[STMicroelectronics]
|
M36P0R8070E0 M36P0R8070E0ZACE M36P0R8070E0ZACF |
256 Mbit (x16, multiple bank, multilevel, burst) Flash memory 128 Mbit (burst) PSRAM, 1.8 V supply, multichip package
|
Numonyx B.V
|