PART |
Description |
Maker |
PIC16F1934T-I/PTVAO |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F73-I/SPVAO |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16C622A-20I/SSHXX |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16C642-04I/SPGVAO |
8-bit PIC Microcontrollers
|
Microchip
|
PIC32MZ0512EFE064 PIC32MZ0512EFE064-E/MR PIC32MZ05 |
32-bit PIC Microcontrollers
|
Microchip
|
PIC18F2420-I/SOC01 PIC18F2520-I/SOC01 |
8-bit PIC Microcontrollers
|
Microchip
|
PIC16F1526-E/PTVAO PIC16F1526T-E/PTVAO |
8-bit PIC Microcontrollers
|
Microchip
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
PIC18F1330 |
High-Performance Microcontrollers with 10-bit A/D and nanoWatt Technology 8-bit PIC庐 Microcontrollers
|
Microchip Technology Microchip Technology, Inc.
|
SAF-C508-4RM SAF-C508-4EMAA |
8-Bit Microcontrollers - 32-KBytes ROM, -40/85 degC 8-Bit Microcontrollers - OTP
|
Infineon
|